Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 35 of 41
Global Commands (GLOB_CMD)
Table 111. GLOB_CMD Register Definition
Addresses
Default
Access
Flash Backup
0x68, 0x69
Not applicable
W
No
Table 112. GLOB_CMD Bit Definitions
Bits
Description
[15:8]
Not used
7
Software reset
[6:5]
Not used
4
Flash memory test
3
Flash memory update
2
Sensor self test
1
Factory calibration restore
0
Not used
The GLOB_CMD register (see Table 111 and Table 112) provides
trigger bits for several operations. Write a 1 to the appropriate
bit in GLOB_CMD to start a particular function. During the
execution of these commands, data production stops, pulsing stops
on the DR pin, and the SPI interface does not respond to requests.
Table 1 provides the execution time for each GLOB_CMD
command.
Software Reset
Use the following DIN sequence to set Register GLOB_CMD,
Bit 7 = 1, which triggers a reset: 0xE880, then 0xE900. This reset
clears all data, and then restarts data sampling and processing.
This function provides a firmware alternative to toggling the
RST pin (see Table 5, Pin F3).
Flash Memory Test
Use the following DIN sequence to set Register GLOB_CMD,
Bit 4 = 1, which tests the flash memory: 0xE810, then 0xE900.
The command performs a CRC computation on the flash memory
(excluding user register locations) and compares it to the original
CRC value, which comes from the factory configuration process.
If the current CRC value does not match the original CRC
value, Register DIAG_STAT, Bit 6 (see Table 11), rises to 1,
indicating a failing result.
Flash Memory Update
Use the following DIN sequence to set Register GLOB_CMD,
Bit 3 = 1, which triggers a backup of all user configurable registers
in the flash memory: 0xE808, then 0xE900. Register DIAG_STAT,
Bit 2 (see Table 11), identifies success (0) or failure (1) in
completing this process.
Sensor Self Test
Use the following DIN sequence to set Register GLOB_CMD,
Bit 2 = 1, which triggers the self test routine for the inertial sensors:
0xE804, then 0xE900. The self test routine uses the following
steps to validate the integrity of each inertial sensor:
1. Measure the output on each sensor.
2. Activate an internal stimulus on the mechanical elements of
each sensor to move them in a predicable manner and
create an observable response in the sensors.
3. Measure the output response on each sensor.
4. Deactivate the internal stimulus on each sensor.
5. Calculate the difference between the sensor measurements
from Step 1 (stimulus is off) and from Step 4 (stimulus is on).
6. Compare the difference with internal pass and fail criteria.
7. Report the pass and fail result to Register DIAG_STAT, Bit 5
(see Table 11).
Motion during the execution of this test can indicate a false failure.
Factory Calibration Restore
Use the following DIN sequence to set Register GLOB_CMD,
Bit 1 = 1, to restore the factory default settings for the MSC_
CTRL, DEC_RATE, and FILT_CTRL registers and to clear all
user configurable bias correction settings: 0xE802, then 0xE900.
Executing this command results in writing 0x0000 to the following
registers: XG_BIAS_LOW, XG_BIAS_HIGH, YG_BIAS_LOW,
YG_BIAS_HIGH, ZG_BIAS_LOW, ZG_BIAS_ HIGH,
XA_BIAS_LOW, XA_BIAS_HIGH, YA_BIAS_LOW,
YA_BIAS_HIGH, ZA_BIAS_LOW, and ZA_BIAS_HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com