Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
ADIS16505
Data Sheet
Rev. C | Page 28 of 41
DELTA ANGLES
In addition to the angular rate of rotation (gyroscope)
measurements around each axis (x, y, and z), the ADIS16505 also
provides delta angle measurements that represent a calculation
of angular displacement between each sample update.
ΔθY
ΔθX
ΔθZ
Y-AXIS
X-AXIS
K1
A1
A10
Z-AXIS
Figure 52. Delta Angle Axis and Polarity Assignments
The delta angle outputs represent an integration of the gyroscope
measurements and use the following formula for all three axes
(x-axis displayed):

1
,,
,
1
0
1
2
D
xn D
xn D d
xn D d
d
S
f

 

where:
D is the decimation rate (DEC_RATE + 1, see Table 110).
fS is the sample rate.
d is the incremental variable in the summation formula.
ωX is the x-axis rate of rotation (gyroscope).
n is the sample time, prior to the decimation filter.
When using the internal sample clock, fS is equal to a nominal
rate of 2000 SPS. For better precision in this measurement,
measure the internal sample rate (fS) using the data ready signal
on the DR pin (DEC_RATE = 0x0000, see Table 109), divide
each delta angle result (from the delta angle output registers) by
the data ready frequency, and multiply it by 2000. Each axis of
the delta angle measurements has two output data registers.
Figure 53 shows how these two registers combine to support a
32-bit, twos complement data format for the x-axis delta angle
measurements. This format also applies to the y- and z-axes.
X-AXIS DELTA ANGLE DATA
X_DELTANG_OUT
X_DELTANG_LOW
BIT 0 BIT 15
BIT 15
BIT 0
Figure 53. Delta Angle Output Data Structure
Delta Angle Measurement Range
Table 48 shows the measurement range and scale factor for
each ADIS16505 model.
Table 48. Delta Angle Measurement Range and Scale Factor
Model
Measurement Range, ±ΔθMAX (°)
ADIS16505-1BMLZ
±360
ADIS16505-2BMLZ
±720
ADIS16505-3BMLZ
±2160
X-Axis Delta Angle (X_DELTANG_LOW and
X_DELTANG_OUT)
Table 49. X_DELTANG_LOW Register Definitions
Addresses
Default
Access
Flash Backup
0x24, 0x25
Not applicable
R
No
Table 50. X_DELTANG_LOW Bit Definitions
Bits
Description
[15:0]
X-axis delta angle data; low word
Table 51. X_DELTANG_OUT Register Definitions
Addresses
Default
Access
Flash Backup
0x26, 0x27
Not applicable
R
No
Table 52. X_DELTANG_OUT Bit Definitions
Bits
Description
[15:0]
X-axis delta angle data; twos complement, 0° = 0x0000,
1 LSB = ΔθMAX/215 (see Table 48 for ±ΔθMAX)
The X_DELTANG_LOW (see Table 49 and Table 50) and
X_DELTANG_OUT (see Table 51 and Table 52) registers
contain the delta angle data for the x-axis.
Y-Axis Delta Angle (Y_DELTANG_LOW and
Y_DELTANG_OUT)
Table 53. Y_DELTANG_LOW Register Definitions
Addresses
Default
Access
Flash Backup
0x28, 0x29
Not applicable
R
No
Table 54. Y_DELTANG_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis delta angle data; low word
Table 55. Y_DELTANG_OUT Register Definitions
Addresses
Default
Access
Flash Backup
0x2A, 0x2B
Not applicable
R
No
Table 56. Y_DELTANG_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis delta angle data; twos complement, 0° = 0x0000,
1 LSB = ΔθMAX/215 (see Table 48 for ±ΔθMAX)
The Y_DELTANG_LOW (see Table 53 and Table 54) and
Y_DELTANG_OUT (see Table 55 and Table 56) registers
contain the delta angle data for the y-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com