Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 19 of 41
BURST READ FUNCTION
The burst read function provides a way to read a batch of output
data registers, using a continuous stream of bits, at a rate of up
to 1 MHz (SCLK). This method does not require a stall time
between each 16-bit segment (see Figure 3). As shown in Figure 42,
start this mode by setting DIN = 0x6800, and then read each of
the registers in the sequence out of DOUT while keeping CS
low for the entire data transfer sequence. However, keeping the
CS pin low after a burst transfer is complete may delay the next
data ready pulse and may potentially interfere with the
processing of the next IMU sample.
The three options for burst mode include: scaled sync mode on
or off, BURST32 enabled and disabled, and BURST_SEL = 0 or
BURSET_SEL = 1. This results in eight possible burst data formats.
Scaled Sync Mode Enabled vs. Disabled
The only differences in the burst data format between these two
modes are the final two bytes in a burst. In scaled sync mode,
the final two bytes are the values of the TIME_STAMP registers.
When scaled sync mode is disabled, the final two bytes are the
values in the DATA_CNTR registers. As always, Bits[15:8]
appear before Bits[7:0] in both modes.
For the rest of this section, it is assumed that scaled sync mode
is disabled.
16-Bit Burst Mode with BURST_SEL = 0
In 16-bit burst mode with BURST_SEL = 0, a burst contains
calibrated gyroscope and accelerometer data in 16-bit format.
This mode is particularly appropriate for cases where there is
no decimation nor filtering. Not only is the sample rate high
(~2 kSPS), the lower 16 bits are not used unless the user is
averaging or filtering.
CS
12
3
11
SCLK
DIN
DOUT
0x6800
DIAG_STAT
X_GYRO_OUT
CHECKSUM
Figure 42. Burst Read Sequence with BURST_SEL = 0
The sequence of registers (and checksum value) in the burst
read includes the following registers and value: DIAG_STAT,
X_GYRO_OUT, Y_GYRO_OUT, Z_GYRO_OUT, X_ACCL_
OUT, Y_ACCL_OUT, Z_ACCL_OUT, TEMP_OUT, DATA_
CNTR, and the checksum value.
In these cases, use the following formula to verify the 16-bit
checksum value, treating each byte in the formula as an
independent, unsigned, 8-bit number:
Checksum = DIAG_STAT, Bits[15:8] + DIAG_STAT, Bits[7:0] +
X_GYRO_OUT, Bits[15:8] + X_GYRO_OUT, Bits[7:0] +
Y_GYRO_OUT, Bits[15:8] + Y_GYRO_OUT, Bits[7:0] +
Z_GYRO_OUT, Bits[15:8] + Z_GYRO_OUT, Bits[7:0] +
X_ACCL_OUT, Bits[15:8] + X_ACCL_OUT, Bits[7:0] +
Y_ACCL_OUT, Bits[15:8] + Y_ACCL_OUT, Bits[7:0] +
Z_ACCL_OUT, Bits[15:8] + Z_ACCL_OUT, Bits[7:0] +
TEMP_OUT, Bits[15:8] + TEMP_OUT, Bits[7:0] +
DATA_CNTR, Bits[15:8] + DATA_CNTR, Bits[7:0]
16-Bit Burst Mode with BURST_SEL = 1
In 16-bit burst mode with BURST_SEL = 1, a burst contains
calibrated delta angle and delta velocity data in 16-bit format.
This mode is particularly appropriate for cases where there is
no decimation nor filtering. Not only is the sample rate high
(~2 kSPS), the lower 16 bits are not used.
CS
12
3
11
SCLK
DIN
DOUT
0x6800
DIAG_STAT
X_DELTANG_
OUT
CHECKSUM
Figure 43. Burst Read Sequence with BURST_SEL = 1
The sequence of registers (and checksum value) in the burst
read includes the following registers and value: DIAG_STAT,
X_DELTANG_OUT, Y_DELTANG_OUT, Z_DELTANG_OUT,
X_DELTVEL_OUT, Y_DELTVEL_OUT, Z_DELTVEL_OUT,
TEMP_OUT, DATA_ CNTR, and the checksum value.
In these cases, use the following formula to verify the 16-bit
checksum value, treating each byte in the formula as an
independent, unsigned, 8-bit number:
Checksum = DIAG_STAT, Bits[15:8] + DIAG_STAT, Bits[7:0] +
X_DELTANG_OUT, Bits[15:8] + X_DELTANG_OUT, Bits[7:0] +
Y_DELTANG_OUT, Bits[15:8] + Y_DELTANG_OUT, Bits[7:0] +
Z_DELTANG_OUT, Bits[15:8] + Z_DELTANG_OUT, Bits[7:0] +
X_DELTVEL_OUT, Bits[15:8] + X_DELTVEL_OUT, Bits[7:0] +
Y_DELTVEL_OUT, Bits[15:8] + Y_DELTVEL_OUT, Bits[7:0] +
Z_DELTVEL_OUT, Bits[15:8] + Z_DELTVEL_OUT, Bits[7:0] +
TEMP_OUT, Bits[15:8] + TEMP_OUT, Bits[7:0] +
DATA_CNTR, Bits[15:8] + DATA_CNTR, Bits[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com