Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
ADIS16505
Data Sheet
Rev. C | Page 34 of 41
Bits
Description
11 = output sync mode. Identical to internal sync mode,
except the SYNC pin functions as an output signal,
indicating when the internal clock samples sensors.
1
SYNC polarity (input or output). Changes to this bit
may take up to 200 μs after writing to indicate the new
value during readback.
1 = rising edge triggers sampling.
0 = falling edge triggers sampling (default).
0
DR polarity. This bit controls the polarity of the DR pin.
Changes to this bit may take up to 200 μs after writing
to indicate the new value during readback.
1 = active high when data is valid.
0 = active low when data is valid (default).
Point of Percussion
Register MSC_CTRL, Bit 6 (see Table 106) offers an on/off control
for the point of percussion alignment function, which maps the
accelerometer sensors to the corner of the package that is closest
to Pin A1 (see Figure 59). The factory default setting in the
MSC_CTRL register activates this function. To turn this function
off while retaining the rest of the factory default settings in the
MSC_CTRL register, set Register MSC_CTRL, Bit 6 = 0 using
the following command sequence on the DIN pin: 0xE081, then
0xE100.
K1
A1
A10
POINT OF
PERCUSSION
Figure 59. Point of Percussion Reference Point
Linear Acceleration Effect on Gyroscope Bias
Register MSC_CTRL, Bit 7 (see Table 106) provides an on/off
control for the linear acceleration compensation in the signal
calibration routines of the gyroscope. The factory default
contents in the MSC_CTRL register enable this compensation.
To turn the compensation off, set Register MSC_CTRL,
Bit 7 = 0 using the following sequence on the DIN pin: 0xE041,
0xEF00.
Sync Mode Select
Refer to the Clock Control section for the functions of the sync
mode select bits.
Sync Input Frequency Multiplier (UP_SCALE)
Table 107. UP_SCALE Register Definition
Addresses
Default
Access
Flash Backup
0x62, 0x63
0x07D0
R/W
Yes
Table 108. UP_SCALE Bit Definitions
Bits
Description
[15:0]
KECSF; binary format. The user must wait until the DR
pin starts toggling after changing this register and/or
MSC_CTRL[3:2] to correctly read back the new values.
However, the user can write these registers in succession
before waiting for the DR pin to resume toggling.
Refer to the Clock Control section for the function and
programming of the UP_SCALE register.
Decimation Filter (DEC_RATE)
Table 109. DEC_RATE Register Definition
Addresses
Default
Access
Flash Backup
0x64, 0x65
0x0000
R/W
Yes
Table 110. DEC_RATE Bit Definitions
Bits
Description
[15:11]
Don’t care
[10:0]
Decimation rate, binary format, maximum = 1999.
Changes to this register may take up to 30 μs after
writing to indicate the new value during readback.
The DEC_RATE register (see Table 109 and Table 110) provides
user control for the averaging decimating filter, which averages
and decimates the gyroscope and accelerometer data; it also
extends the time that the delta angle and the delta velocity track
between each update. When the ADIS16505 operates in internal
clock mode (see Register MSC_CTRL, Bits[3:2], in Table 106),
the nominal output data rate is equal to 2000/(DEC_RATE + 1).
For example, set DEC_RATE = 0x0013 to reduce the output
sample rate to 100 SPS (2000 ÷ 20) using the following DIN pin
sequence: 0xE413, then 0xE500.
Data Update Rate in External Sync Modes
When using the input sync option in scaled sync mode
(Register MSC_CTRL, Bits[3:2] = 10, see Table 106), the
output data rate is equal to
(fSYNC × KECSF)/(DEC_RATE + 1)
where:
fSYNC is the frequency of the clock signal on the SYNC pin.
KESCF is the value from the UP_SCALE register (see Table 108).
When using direct sync mode, KESCF = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com