Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 29 of 41
Z-Axis Delta Angle (Z_DELTANG_LOW and
Z_DELTANG_OUT)
Table 57. Z_DELTANG_LOW Register Definitions
Addresses
Default
Access
Flash Backup
0x2C, 0x2D
Not applicable
R
No
Table 58. Z_DELTANG_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis delta angle data; low word
Table 59. Z_DELTANG_OUT Register Definitions
Addresses
Default
Access
Flash Backup
0x2E, 0x2F
Not applicable
R
No
Table 60. Z_DELTANG_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis delta angle data; twos complement, 0° = 0x0000,
1 LSB = ΔθMAX/215 (see Table 48 for ±ΔθMAX)
The Z_DELTANG_LOW (see Table 57 and Table 58) and
Z_DELTANG_OUT (see Table 59 and Table 60) registers
contain the delta angle data for the z-axis.
Delta Angle Resolution
Table 61 and Table 62 show various numerical examples that
demonstrate the format of the delta angle data in both 16-bit
and 32-bit formats.
Table 61. 16-Bit Delta Angle Data Format Examples
Delta Angle (°)
Decimal
Hex
Binary
ΔθMAX × (215−1)/215
+32,767
0x7FFF
0111 1111 1110 1111
+ΔθMAX/214
+2
0x0002
0000 0000 0000 0010
+ΔθMAX/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−ΔθMAX/215
−1
0xFFFF
1111 1111 1111 1111
−ΔθMAX/214
−2
0xFFFE
1111 1111 1111 1110
−ΔθMAX
−32,768
0x8000
1000 0000 0000 0000
Table 62. 32-Bit Delta Angle Data Format Examples
Delta Angle (°)
Decimal
Hex
+ΔθMAX × (231 − 1)/231
+2,147,483,647
0x7FFFFFFF
+ΔθMAX/230
+2
0x00000002
+ΔθMAX/231
+1
0x00000001
0
0
0x00000000
−ΔθMAX/231
−1
0xFFFFFFFF
−ΔθMAX/230
−2
0xFFFFFFFE
−ΔθMAX
−2,147,483,648
0x80000000
DELTA VELOCITY
In addition to the linear acceleration measurements along each
axis (x, y, and z), the ADIS16505 also provides delta velocity
measurements that represent a calculation of linear velocity
change between each sample update.
Δ
VY
Δ
VX
Y-AXIS
X-AXIS
K1
A1
A10
Z-AXIS
Δ
VZ
Figure 54. Delta Velocity Axis and Polarity Assignments
The delta velocity outputs represent an integration of the
acceleration measurements and use the following formula for
all three axes (x-axis displayed):

1
,,
,
1
0
1
2
D
xn D
x n D d
xn D d
d
S
Va
a
f
 

where:
x is the x-axis.
n is the sample time, prior to the decimation filter.
D is the decimation rate (DEC_RATE + 1, see Table 110).
fS is the sample rate.
d is the incremental variable in the summation formula.
aX is the x-axis acceleration.
When using the internal sample clock, fS is equal to a nominal
rate of 2000 SPS. For better precision in this measurement,
measure the internal sample rate (fS) using the data ready signal
on the DR pin (DEC_RATE = 0x0000, see Table 109), divide
each delta angle result (from the delta angle output registers) by
the data ready frequency, and multiply it by 2000. Each axis of
the delta velocity measurements has two output data registers.
Figure 55 shows how these two registers combine to support
32-bit, twos complement data format for the delta velocity
measurements along the x-axis. This format also applies to the
y- and z-axes.
X-AXIS DELTA VELOCITY DATA
X_ DELTVEL_OUT
X_ DELTVEL_LOW
BIT0 BIT15
BIT 15
BIT 0
Figure 55. Delta Velocity Output Data Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com