Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
ADIS16505
Data Sheet
Rev. C | Page 30 of 41
X-Axis Delta Velocity (X_DELTVEL_LOW and
X_DELTVEL_OUT)
Table 63. X_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x30, 0x31
Not applicable
R
No
Table 64. X_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
X-axis delta velocity data; additional resolution bits
Table 65. X_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x32, 0x33
Not applicable
R
No
Table 66. X_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
X-axis delta velocity data; twos complement,
±100 m/sec range, 0 m/sec = 0x0000;
1 LSB = +100 m/sec ÷ 215 = ~+0.003052 m/sec
The X_DELTVEL_LOW (see Table 63 and Table 64) and
X_DELTVEL_OUT (see Table 65 and Table 66) registers
contain the delta velocity data for the x-axis.
Y-Axis Delta Velocity (Y_DELTVEL_LOW and
Y_DELTVEL_OUT)
Table 67. Y_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x34, 0x35
Not applicable
R
No
Table 68. Y_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis delta velocity data; additional resolution bits
Table 69. Y_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x36, 0x37
Not applicable
R
No
Table 70. Y_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis delta velocity data; twos complement,
±100 m/sec range, 0 m/sec = 0x0000;
1 LSB = +100 m/sec ÷ 215 = ~+0.003052 m/sec
The Y_DELTVEL_LOW (see Table 67 and Table 68) and
Y_DELTVEL_OUT (see Table 69 and Table 70) registers
contain the delta velocity data for the y-axis.
Z-Axis Delta Velocity (Z_DELTVEL_LOW and
Z_DELTVEL_OUT)
Table 71. Z_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x38, 0x39
Not applicable
R
No
Table 72. Z_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis delta velocity data; additional resolution bits
Table 73. Z_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x3A, 0x3B
Not applicable
R
No
Table 74. Z_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis delta velocity data; twos complement,
±100 m/sec range, 0 m/sec = 0x0000;
1 LSB = +100 m/sec ÷ 215 = ~+0.003052 m/sec
The Z_DELTVEL_LOW (see Table 71 and Table 72) and
Z_DELTVEL_OUT (see Table 73 and Table 74) registers
contain the delta velocity data for the z-axis.
Delta Velocity Resolution
Table 75 and Table 76 offer various numerical examples that
demonstrate the format of the delta velocity data in both 16-bit
and 32-bit formats.
Table 75. 16-Bit Delta Velocity Data Format Examples
Velocity (m/sec)
Decimal
Hex
Binary
+100 × (215 − 1)/215
+32,767
0x7FFF
0111 1111 1111 1111
+100/214
+2
0x0002
0000 0000 0000 0010
+100/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−100/215
−1
0xFFFF
1111 1111 1111 1111
−100/214
−2
0xFFFE
1111 1111 1111 1110
−100
−32,768
0x8000
1000 0000 0000 0000
Table 76. 32-Bit Delta Velocity Data Format Examples
Velocity (m/sec)
Decimal
Hex
+100 × (231 − 1)/231
+2,147,483,647
0x7FFFFFFF
+100/230
+2
0x00000002
+100/231
+1
0x00000001
0
0
0x00000000
−100/231
−1
0xFFFFFFFF
−100/230
−2
0xFFFFFFFE
−100
+2,147,483,648
0x80000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com