Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 196Page - Renesas Technology Corp H8/3024F Datasheet HTML 197Page - Renesas Technology Corp H8/3024F Datasheet HTML 198Page - Renesas Technology Corp H8/3024F Datasheet HTML 199Page - Renesas Technology Corp H8/3024F Datasheet HTML 200Page - Renesas Technology Corp H8/3024F Datasheet HTML 201Page - Renesas Technology Corp H8/3024F Datasheet HTML 202Page - Renesas Technology Corp H8/3024F Datasheet HTML 203Page - Renesas Technology Corp H8/3024F Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 162 of 800
REJ09B0260-0200
7.4
Port 3
7.4.1
Overview
Port 3 is an 8-bit input/output port which also functions as a data bus. It’s pin configuration is
shown in figure 7.3. Port 3 is a data bus in modes 1 to 5 (expanded modes) and a generic
input/output port in modes 6 and 7 (single-chip mode).
Pins in port 3 can drive one TTL load and a 90-pF capacitive load. They can also drive a
darlington transistor pair.
Port 3
P3 /D
P3 /D
P3 /D
P3 /D
P3 /D
P3 /D
P3 /D
P3 /D
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
P3 (input/output)
P3 (input/output)
P3 (input/output)
P3 (input/output)
P3 (input/output)
P3 (input/output)
P3 (input/output)
P3 (input/output)
7
6
5
4
3
2
1
0
D
(input/output)
D
(input/output)
D
(input/output)
D
(input/output)
D
(input/output)
D
(input/output)
D
(input/output)
D
(input/output)
15
14
13
12
11
10
9
8
Port 3 pins
Modes 6 and 7
Modes 1 to 5
Figure 7.3 Port 3 Pin Configuration
7.4.2
Register Descriptions
Table 7.5 summarizes the registers of port 3.
Table 7.5
Port 3 Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'EE002
Port 3 data direction register
P3DDR
W
H'00
H'FFFD2
Port 3 data register
P3DR
R/W
H'00
Note: * Lower 20 bits of the address in advanced mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com