Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 199Page - Renesas Technology Corp H8/3024F Datasheet HTML 200Page - Renesas Technology Corp H8/3024F Datasheet HTML 201Page - Renesas Technology Corp H8/3024F Datasheet HTML 202Page - Renesas Technology Corp H8/3024F Datasheet HTML 203Page - Renesas Technology Corp H8/3024F Datasheet HTML 204Page - Renesas Technology Corp H8/3024F Datasheet HTML 205Page - Renesas Technology Corp H8/3024F Datasheet HTML 206Page - Renesas Technology Corp H8/3024F Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 165 of 800
REJ09B0260-0200
7.5.2
Register Descriptions
Table 7.6 summarizes the registers of port 4.
Table 7.6
Port 4 Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'EE003
Port 4 data direction register
P4DDR
W
H'00
H'FFFD3
Port 4 data register
P4DR
R/W
H'00
H'EE03E
Port 4 input pull-up MOS control
register
P4PCR
R/W
H'00
Note: * Lower 20 bits of the address in advanced mode.
Port 4 Data Direction Register (P4DDR): P4DDR is an 8-bit write-only register that can select
input or output for each pin in port 4.
Bit
Initial value
Read/Write
7
P4 DDR
0
W
Port 4 data direction 7 to 0
These bits select input or output for port 4 pins
7
6
P4 DDR
0
W
6
5
P4 DDR
0
W
5
4
P4 DDR
0
W
4
3
P4 DDR
0
W
3
2
P4 DDR
0
W
2
1
P4 DDR
0
W
1
0
P4 DDR
0
W
0
• Modes 1 to 5 (Expanded Modes)
When all areas are designated as 8-bit-access areas by the bus controller’s bus width control
register (ABWCR), selecting 8-bit bus mode, port 4 functions as an input/output port. In this
case, a pin in port 4 becomes an output port if the corresponding P4DDR bit is set to 1, and an
input port if this bit is cleared to 0.
When at least one area is designated as a 16-bit-access area, selecting 16-bit bus mode, port 4
functions as part of the data bus, regardless of the P4DDR settings.
• Modes 6 and 7 (Single-Chip Mode)
Port 4 functions as an input/output port. A pin in port 4 becomes an output port if the
corresponding P4DDR bit is set to 1, and an input port if this bit is cleared to 0.
P4DDR is a write-only register. Its value cannot be read. All bits return 1 when read.
P4DDR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com