Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 202Page - Renesas Technology Corp H8/3024F Datasheet HTML 203Page - Renesas Technology Corp H8/3024F Datasheet HTML 204Page - Renesas Technology Corp H8/3024F Datasheet HTML 205Page - Renesas Technology Corp H8/3024F Datasheet HTML 206Page - Renesas Technology Corp H8/3024F Datasheet HTML 207Page - Renesas Technology Corp H8/3024F Datasheet HTML 208Page - Renesas Technology Corp H8/3024F Datasheet HTML 209Page - Renesas Technology Corp H8/3024F Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 168 of 800
REJ09B0260-0200
7.6.2
Register Descriptions
Table 7.8 summarizes the registers of port 5.
Table 7.8
Port 5 Registers
Initial Value
Address*
Name
Abbreviation
R/W
Modes 1 to 4
Modes 5 to 7
H'EE004
Port 5 data direction register
P5DDR
W
H'FF
H'F0
H'FFFD4
Port 5 data register
P5DR
R/W
H'F0
H'F0
H'EE03F
Port 5 input pull-up MOS
control register
P5PCR
R/W
H'F0
H'F0
Note: * Lower 20 bits of the address in advanced mode.
Port 5 Data Direction Register (P5DDR): P5DDR is an 8-bit write-only register that can select
input or output for each pin in port 5.
Bits 7 to 4 are reserved. They are fixed at 1, and cannot be modified.
Bit
Modes
1 to 4
Initial value
Read/Write
Initial value
Read/Write
Modes
5 to 7
7
—
1
—
1
—
6
—
1
—
1
—
5
—
1
—
1
—
4
—
1
—
1
—
3
P5 DDR
1
—
0
W
3
2
P5 DDR
1
—
0
W
2
1
P5 DDR
1
—
0
W
1
0
P5 DDR
1
—
0
W
0
Reserved bits
Port 5 data direction 3 to 0
These bits select input or
output for port 5 pins
• Modes 1 to 4 (Expanded Modes with On-Chip ROM Disabled)
P5DDR values are fixed at 1. Port 5 functions as an address bus output.
• Mode 5 (Expanded Modes with On-Chip ROM Enabled)
Following a reset, port 5 is an input port. A pin in port 5 becomes an address output pin if the
corresponding P5DDR bit is set to 1, and an input port if this bit is cleared to 0.
• Modes 6 and 7 (Single-Chip Mode)
Port 5 functions as an input/output port. A pin in port 5 becomes an output port if the
corresponding P5DDR bit is set to 1, and an input port if this bit is cleared to 0.
In modes 1 to 4, P5DDR bits are always read as 1, and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com