Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 206Page - Renesas Technology Corp H8/3024F Datasheet HTML 207Page - Renesas Technology Corp H8/3024F Datasheet HTML 208Page - Renesas Technology Corp H8/3024F Datasheet HTML 209Page - Renesas Technology Corp H8/3024F Datasheet HTML 210Page - Renesas Technology Corp H8/3024F Datasheet HTML 211Page - Renesas Technology Corp H8/3024F Datasheet HTML 212Page - Renesas Technology Corp H8/3024F Datasheet HTML 213Page - Renesas Technology Corp H8/3024F Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 172 of 800
REJ09B0260-0200
7.7.2
Register Descriptions
Table 7.10 summarizes the registers of port 6.
Table 7.10
Port 6 Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'EE005
Port 6 data direction register
P6DDR
W
H'80
H'FFFD5
Port 6 data register
P6DR
R/W
H'80
Note: * Lower 20 bits of the address in advanced mode.
Port 6 Data Direction Register (P6DDR): P6DDR is an 8-bit write-only register that can select
input or output for each pin in port 6.
Bit 7 is reserved. It is fixed at 1, and cannot be modified.
Bit
Initial value
Read/Write
7
—
1
—
6
P6 DDR
0
W
6
5
P6 DDR
0
W
5
4
P6 DDR
0
W
4
3
P6 DDR
0
W
3
2
P6 DDR
0
W
2
1
P6 DDR
0
W
1
0
P6 DDR
0
W
0
Port 6 data direction 6 to 0
These bits select input or output for port 6 pins
Reserved bit
• Modes 1 to 5 (Expanded Modes)
P67 functions as the clock output pin (
φ) or an input port. P6
7 is the clock output pin (ø) if the
PSTOP bit in MSTRCH is cleared to 0 (initial value), and an input port if this bit is set to 1.
P66 to P63 function as bus control output pins (
LWR, HWR, RD, and AS), regardless of the
settings of bits P66DDR to P63DDR.
P62 to P60 function as bus control input/output pins (
BACK, BREQ, and WAIT) or
input/output ports. For the method of selecting the pin functions, see table 7.11.
When P62 to P60 function as input/output ports, the pin becomes an output port if the
corresponding P6DDR bit is set to 1, and an input port if this bit is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com