Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 207Page - Renesas Technology Corp H8/3024F Datasheet HTML 208Page - Renesas Technology Corp H8/3024F Datasheet HTML 209Page - Renesas Technology Corp H8/3024F Datasheet HTML 210Page - Renesas Technology Corp H8/3024F Datasheet HTML 211Page - Renesas Technology Corp H8/3024F Datasheet HTML 212Page - Renesas Technology Corp H8/3024F Datasheet HTML 213Page - Renesas Technology Corp H8/3024F Datasheet HTML 214Page - Renesas Technology Corp H8/3024F Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 173 of 800
REJ09B0260-0200
• Modes 6 and 7 (Single-Chip Mode)
P67 functions as the clock output pin (
φ) or an input port. P6
6 to P60 function as generic
input/output ports. P67 is the clock output pin (
φ) if the PSTOP bit in MSTCRH is cleared to 0
(initial value), and an input port if this bit is set to 1. A pin in port 6 becomes an output port if
the corresponding bit of P66DDR to P60DDR is set to 1, and an input port if this pin is cleared
to 0.
P6DDR is a write-only register. Its value cannot be read. All bits return 1 when read.
P6DDR is initialized to H'80 by a reset and in hardware standby mode. In software standby
mode it retains its previous setting. Therefore, if a transition is made to software standby mode
while port 6 is functioning as an input/output port and a P6DDR bit is set to 1, the
corresponding pin maintains its output state.
Port 6 Data Register (P6DR): P6DR is an 8-bit readable/writable register that stores output data
for port 6. When port 6 functions as an output port, the value of this register is output. For bit 7, a
value of 1 is returned if the bit is read while the PSTOP bit in MSTCRH is cleared to 0, and the
P67 pin logic level is returned if the bit is read while the PSTOP bit is set to 1. Bit 7 cannot be
modified. For bits 6 to 0, the pin logic level is returned if the bit is read while the corresponding
bit in P6DDR is cleared to 0, and the P6DR value is returned if the bit is read while the
corresponding bit in P6DDR is set to 1.
Bit
Initial value
Read/Write
7
P67
1
R
6
P6
0
R/W
6
5
P6
0
R/W
5
4
P6
0
R/W
4
3
P6
0
R/W
3
2
P6
0
R/W
2
1
P6
0
R/W
1
0
P6
0
R/W
0
Port 6 data 7 to 0
These bits store data for port 6 pins
P6DR is initialized to H'80 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com