Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 211Page - Renesas Technology Corp H8/3024F Datasheet HTML 212Page - Renesas Technology Corp H8/3024F Datasheet HTML 213Page - Renesas Technology Corp H8/3024F Datasheet HTML 214Page - Renesas Technology Corp H8/3024F Datasheet HTML 215Page - Renesas Technology Corp H8/3024F Datasheet HTML 216Page - Renesas Technology Corp H8/3024F Datasheet HTML 217Page - Renesas Technology Corp H8/3024F Datasheet HTML 218Page - Renesas Technology Corp H8/3024F Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 177 of 800
REJ09B0260-0200
Pins in port 8 can drive one TTL load and a 90-pF capacitive load. They can also drive a
darlington transistor pair.
Pins P82 to P80 have Schmitt-trigger inputs.
Port 8
P8 /
P8 /
/
P8 /
/
P8 /
/
P8 /
4
3
2
1
0
0
1
2
3
Port 8 pins
CS
CS
CS
CS
3
2
1
IRQ / ADTRG
IRQ
IRQ
IRQ 0
P8 (input)/
(output)
P8 (input)/
(output)/
(input) / ADTRG (input)
P8 (input)/
(output)/
(input)
P8 (input)/
(output)/
(input)
P8 (input/output)/
(input)
4
3
2
1
0
Pin functions in modes 1 to 5
(expanded modes)
0
1
2
3
CS
CS
CS
CS
3
2
1
IRQ
IRQ
IRQ
IRQ0
P8 /(input/output)
P8 /(input/output)/
(input) /
P8 /(input/output)/
(input)
P8 /(input/output)/
(input)
P8 /(input/output)/
(input)
4
3
2
1
0
Pin functions in modes 6 and 7
(single-chip mode)
IRQ
IRQ
IRQ
IRQ
ADTRG (input)
3
2
1
0
Figure 7.8 Port 8 Pin Configuration
7.9.2
Register Descriptions
Table 7.13 summarizes the registers of port 8.
Table 7.13
Port 8 Registers
Initial Value
Address*
Name
Abbreviation
R/W
Modes 1 to 4
Modes 5 to 7
H'EE007
Port 8 data direction
register
P8DDR
W
H'F0
H'E0
H'FFFD7
Port 8 data register
P8DR
R/W
H'E0
H'E0
Note: * Lower 20 bits of the address in advanced mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com