Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 212Page - Renesas Technology Corp H8/3024F Datasheet HTML 213Page - Renesas Technology Corp H8/3024F Datasheet HTML 214Page - Renesas Technology Corp H8/3024F Datasheet HTML 215Page - Renesas Technology Corp H8/3024F Datasheet HTML 216Page - Renesas Technology Corp H8/3024F Datasheet HTML 217Page - Renesas Technology Corp H8/3024F Datasheet HTML 218Page - Renesas Technology Corp H8/3024F Datasheet HTML 219Page - Renesas Technology Corp H8/3024F Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 178 of 800
REJ09B0260-0200
Port 8 Data Direction Register (P8DDR): P8DDR is an 8-bit write-only register that can select
input or output for each pin in port 8.
Bits 7 to 5 are reserved. They are fixed at 1, and cannot be modified.
7
—
1
—
1
—
6
—
1
—
1
—
5
—
1
—
1
—
4
P8 DDR
1
W
0
W
4
3
P8 DDR
0
W
0
W
3
2
P8 DDR
0
W
0
W
2
1
P8 DDR
0
W
0
W
1
0
P8 DDR
0
W
0
W
0
Reserved bits
Port 8 data direction 4 to 0
These bits select input or
output for port 8 pins
Bit
Modes
1 to 4
Initial value
Read/Write
Initial value
Read/Write
Modes
5 to 7
• Modes 1 to 5 (Expanded Modes)
When bits in P8DDR bit are set to 1, P84 to P81 become
CS
0 to
CS
3 output pins. When bits in
P8DDR are cleared to 0, the corresponding pins become input ports.
In modes 1 to 4 (expanded modes with on-chip ROM disabled), following a reset P84 functions
as the
CS
0 output, while
CS
1 to
CS
3 are input ports. In mode 5 (expanded mode with on-chip
ROM enabled), following a reset
CS
0 to
CS
3 are all input ports.
• Modes 6 and 7 (Single-Chip Mode)
Port 8 is a generic input/output port. A pin in port 8 becomes an output port if the
corresponding P8DDR bit is set to 1, and an input port if this bit is cleared to 0.
P8DDR is a write-only register. Its value cannot be read. All bits return 1 when read.
P8DDR is initialized to H'F0 in modes 1 to 4, and to H'E0 in modes 5 to 7, by a reset and in
hardware standby mode. In software standby mode P8DDR retains its previous setting. Therefore,
if a transition is made to software standby mode while port 8 is functioning as an input/output port
and a P8DDR bit is set to 1, the corresponding pin maintains its output state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com