Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 210Page - Renesas Technology Corp H8/3024F Datasheet HTML 211Page - Renesas Technology Corp H8/3024F Datasheet HTML 212Page - Renesas Technology Corp H8/3024F Datasheet HTML 213Page - Renesas Technology Corp H8/3024F Datasheet HTML 214Page - Renesas Technology Corp H8/3024F Datasheet HTML 215Page - Renesas Technology Corp H8/3024F Datasheet HTML 216Page - Renesas Technology Corp H8/3024F Datasheet HTML 217Page - Renesas Technology Corp H8/3024F Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 176 of 800
REJ09B0260-0200
7.8.2
Register Description
Table 7.12 summarizes the port 7 register. Port 7 is an input port, and port 7 has no data direction
register.
Table 7.12
Port 7 Data Register
Address*
Name
Abbreviation
R/W
Initial Value
H'FFFD6
Port 7 data register
P7DR
R
Undetermined
Note: * Lower 20 bits of the address in advanced mode.
Port 7 Data Register (P7DR)
Bit
Initial value
Read/Write
0
P7
—*
R
Note: * Determined by pins P77 to P70.
0
1
P7
—*
R
1
2
P7
—*
R
2
3
P7
—*
R
3
4
P7
—*
R
4
5
P7
—*
R
5
6
P7
—*
R
6
7
P7
—*
R
7
When port 7 is read, the pin logic levels are always read. P7DR cannot be modified.
7.9
Port 8
7.9.1
Overview
Port 8 is a 5-bit input/output port that is also used for
CS
3 to
CS
0 output,
IRQ
3 to
IRQ
0 input, and
A/D converter
ADTRG input. Figure 7.8 shows the pin configuration of port 8.
In modes 1 to 5 (expanded modes), port 8 can provide
CS
3 to
CS
0 output,
IRQ
3 to
IRQ
0 input, and
ADTRG input. See table 7.14 for the selection of pin functions in expanded modes.
In modes 6 and 7 (single-chip modes), port 8 can provide
IRQ
3 to
IRQ
0 input and
ADTRG input.
See table 7.15 for the selection of pin functions in single-chip mode.
See section 14, A/D Converter, for a description of the A/D converter’s
ADTRG input pin.
The
IRQ
3 to
IRQ
0 functions are selected by IER settings, regardless of whether the pin is used for
input or output. Caution is therefore required. For details see section 5.3.1, External Interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com