Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 209Page - Renesas Technology Corp H8/3024F Datasheet HTML 210Page - Renesas Technology Corp H8/3024F Datasheet HTML 211Page - Renesas Technology Corp H8/3024F Datasheet HTML 212Page - Renesas Technology Corp H8/3024F Datasheet HTML 213Page - Renesas Technology Corp H8/3024F Datasheet HTML 214Page - Renesas Technology Corp H8/3024F Datasheet HTML 215Page - Renesas Technology Corp H8/3024F Datasheet HTML 216Page - Renesas Technology Corp H8/3024F Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 175 of 800
REJ09B0260-0200
Pin
Pin Functions and Selection Method
P60/
WAIT
Bit WAITE in BCR and bit P60DDR select the pin function as follows.
WAITE
0
1
P60DDR
0
1
0*
Pin function
P60 input
P60 output
WAIT input
Note: * Do not set bit P60DDR to 1.
7.8
Port 7
7.8.1
Overview
Port 7 is an 8-bit input port that is also used for analog input to the A/D converter and analog
output from the D/A converter. The pin functions are the same in all operating modes. Figure 7.7
shows the pin configuration of port 7.
See section 14, A/D Converter, for details of the A/D converter analog input pins, and section 15,
D/A Converter, for details of the D/A converter analog output pins.
Port 7
P7 (input)/AN (input)/DA (output)
P7 (input)/AN (input)/DA (output)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Port 7 pins
1
0
Figure 7.7 Port 7 Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com