Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 201Page - Renesas Technology Corp H8/3024F Datasheet HTML 202Page - Renesas Technology Corp H8/3024F Datasheet HTML 203Page - Renesas Technology Corp H8/3024F Datasheet HTML 204Page - Renesas Technology Corp H8/3024F Datasheet HTML 205Page - Renesas Technology Corp H8/3024F Datasheet HTML 206Page - Renesas Technology Corp H8/3024F Datasheet HTML 207Page - Renesas Technology Corp H8/3024F Datasheet HTML 208Page - Renesas Technology Corp H8/3024F Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 167 of 800
REJ09B0260-0200
Table 7.7
Input Pull-Up Transistor States (Port 4)
Mode
Reset
Hardware
Standby Mode
Software
Standby Mode
Other Modes
1 to 5
8-bit bus mode
Off
Off
On/off
On/off
16-bit bus mode
Off
Off
6 and 7
On/off
On/off
Legend:
Off:
The input pull-up transistor is always off.
On/off: The input pull-up transistor is on if P4PCR = 1 and P4DDR = 0. Otherwise, it is off.
7.6
Port 5
7.6.1
Overview
Port 5 is a 4-bit input/output port which also has an address output function. It’s pin configuration
is shown in figure 7.5. The pin functions differ depending on the operating mode.
In modes 1 to 4 (expanded modes with on-chip ROM disabled), port 5 consists of address output
pins (A19 to A16). In mode 5 (expanded modes with on-chip ROM enabled), settings in the port 5
data direction register (P5DDR) designate pins for address bus output (A19 to A16) or generic
input. In modes 6 and 7 (single-chip mode), port 5 is a generic input/output port.
Port 5 has software-programmable built-in pull-up transistors.
Pins in port 5 can drive one TTL load and a 90-pF capacitive load. They can also drive an LED or
a darlington transistor pair.
Port 5
P5 /A
P5 /A
P5 /A
P5 /A
3
2
1
0
19
18
17
16
A
(output)
A
(output)
A
(output)
A
(output)
19
18
17
16
P5 (input)/A
(output)
P5 (input)/A
(output)
P5 (input)/A
(output)
P5 (input)/A
(output)
3
2
1
0
Port 5
pins
Modes 1 to 4
Mode 5
P5 (input/output)
P5 (input/output)
P5 (input/output)
P5 (input/output)
3
2
1
0
Modes 6 and 7
19
18
17
16
Figure 7.5 Port 5 Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com