Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 197Page - Renesas Technology Corp H8/3024F Datasheet HTML 198Page - Renesas Technology Corp H8/3024F Datasheet HTML 199Page - Renesas Technology Corp H8/3024F Datasheet HTML 200Page - Renesas Technology Corp H8/3024F Datasheet HTML 201Page - Renesas Technology Corp H8/3024F Datasheet HTML 202Page - Renesas Technology Corp H8/3024F Datasheet HTML 203Page - Renesas Technology Corp H8/3024F Datasheet HTML 204Page - Renesas Technology Corp H8/3024F Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 163 of 800
REJ09B0260-0200
Port 3 Data Direction Register (P3DDR): P3DDR is an 8-bit write-only register that can select
input or output for each pin in port 3.
Bit
Initial value
Read/Write
7
P3 DDR
0
W
Port 3 data direction 7 to 0
These bits select input or output for port 3 pins
7
6
P3 DDR
0
W
6
5
P3 DDR
0
W
5
4
P3 DDR
0
W
4
3
P3 DDR
0
W
3
2
P3 DDR
0
W
2
1
P3 DDR
0
W
1
0
P3 DDR
0
W
0
• Modes 1 to 5 (Expanded Modes)
Port 3 functions as a data bus, regardless of the P3DDR settings.
• Modes 6 and 7 (Single-Chip Mode)
Port 3 functions as an input/output port. A pin in port 3 becomes an output port if the
corresponding P3DDR bit is set to 1, and an input port if this bit is cleared to 0.
P3DDR is a write-only register. Its value cannot be read. All bits return 1 when read.
P3DDR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting. Therefore, if a transition is made to software standby mode while
port 3 is functioning as an input/output port and a P3DDR bit is set to 1, the corresponding pin
maintains its output state.
Port 3 Data Register (P3DR): P3DR is an 8-bit readable/writable register that stores output data
for port 3. When port 3 functions as an output port, the value of this register is output. When a bit
in P3DDR is set to 1, if port 3 is read the value of the corresponding P3DR bit is returned. When a
bit in P3DDR is cleared to 0, if port 3 is read the corresponding pin logic level is read.
Bit
Initial value
Read/Write
7
P3
0
R/W
Port 3 data 7 to 0
These bits store data for port 3 pins
7
6
P3
0
R/W
6
5
P3
0
R/W
5
4
P3
0
R/W
4
3
P3
0
R/W
3
2
P3
0
R/W
2
1
P3
0
R/W
1
0
P3
0
R/W
0
P3DR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com