Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 251 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 247Page - Renesas Technology Corp H8/3024F Datasheet HTML 248Page - Renesas Technology Corp H8/3024F Datasheet HTML 249Page - Renesas Technology Corp H8/3024F Datasheet HTML 250Page - Renesas Technology Corp H8/3024F Datasheet HTML 251Page - Renesas Technology Corp H8/3024F Datasheet HTML 252Page - Renesas Technology Corp H8/3024F Datasheet HTML 253Page - Renesas Technology Corp H8/3024F Datasheet HTML 254Page - Renesas Technology Corp H8/3024F Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 213 of 800
REJ09B0260-0200
8.1.4
Register Configuration
Table 8.3 summarizes the 16-bit timer registers.
Table 8.3
16-bit timer Registers
Channel
Address*
1
Name
Abbre-
viation
R/W
Initial
Value
Common
H'FFF60
Timer start register
TSTR
R/W
H'F8
H'FFF61
Timer synchro register
TSNC
R/W
H'F8
H'FFF62
Timer mode register
TMDR
R/W
H'98
H'FFF63
Timer output level setting register
TOLR
W
H'C0
H'FFF64
Timer interrupt status register A
TISRA
R/(W)*
2
H'88
H'FFF65
Timer interrupt status register B
TISRB
R/(W)*
2
H'88
H'FFF66
Timer interrupt status register C
TISRC
R/(W)*
2
H'88
0
H'FFF68
Timer control register 0
16TCR0
R/W
H'80
H'FFF69
Timer I/O control register 0
TIOR0
R/W
H'88
H'FFF6A
Timer counter 0H
16TCNT0H
R/W
H'00
H'FFF6B
Timer counter 0L
16TCNT0L
R/W
H'00
H'FFF6C
General register A0H
GRA0H
R/W
H'FF
H'FFF6D
General register A0L
GRA0L
R/W
H'FF
H'FFF6E
General register B0H
GRB0H
R/W
H'FF
H'FFF6F
General register B0L
GRB0L
R/W
H'FF
1
H'FFF70
Timer control register 1
16TCR1
R/W
H'80
H'FFF71
Timer I/O control register 1
TIOR1
R/W
H'88
H'FFF72
Timer counter 1H
16TCNT1H
R/W
H'00
H'FFF73
Timer counter 1L
16TCNT1L
R/W
H'00
H'FFF74
General register A1H
GRA1H
R/W
H'FF
H'FFF75
General register A1L
GRA1L
R/W
H'FF
H'FFF76
General register B1H
GRB1H
R/W
H'FF
H'FFF77
General register B1L
GRB1L
R/W
H'FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com