Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 251Page - Renesas Technology Corp H8/3024F Datasheet HTML 252Page - Renesas Technology Corp H8/3024F Datasheet HTML 253Page - Renesas Technology Corp H8/3024F Datasheet HTML 254Page - Renesas Technology Corp H8/3024F Datasheet HTML 255Page - Renesas Technology Corp H8/3024F Datasheet HTML 256Page - Renesas Technology Corp H8/3024F Datasheet HTML 257Page - Renesas Technology Corp H8/3024F Datasheet HTML 258Page - Renesas Technology Corp H8/3024F Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 217 of 800
REJ09B0260-0200
8.2.3
Timer Mode Register (TMDR)
TMDR is an 8-bit readable/writable register that selects PWM mode for channels 0 to 2. It also
selects phase counting mode and the overflow flag (OVF) setting conditions for channel 2.
Bit
Initial value
Read/Write
7
—
1
—
6
MDF
0
R/W
5
FDIR
0
R/W
4
—
1
—
3
—
1
—
0
PWM0
0
R/W
2
PWM2
0
R/W
1
PWM1
0
R/W
Reserved bit
Reserved bit
PWM modes 2 to 0
These bits select PWM
mode for channels 2 to 0
Phase counting mode flag
Selects phase counting mode for channel 2
Flag direction
Selects the setting condition for the overflow
flag (OVF) in TISRC
TMDR is initialized to H'98 by a reset and in standby mode.
Bit 7—Reserved: This bit cannot be modified and is always read as 1.
Bit 6—Phase Counting Mode Flag (MDF): Selects whether channel 2 operates normally or in
phase counting mode.
Bit 6
MDF
Description
0
Channel 2 operates normally
(Initial value)
1
Channel 2 operates in phase counting mode
When MDF is set to 1 to select phase counting mode, 16TCNT2 operates as an up/down-counter
and pins TCLKA and TCLKB become counter clock input pins. 16TCNT2 counts both rising and
falling edges of TCLKA and TCLKB, and counts up or down as follows.
Counting Direction
Down-Counting
Up-Counting
TCLKA pin
High
Low
Low
High
TCLKB pin
Low
High
High
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com