Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 249Page - Renesas Technology Corp H8/3024F Datasheet HTML 250Page - Renesas Technology Corp H8/3024F Datasheet HTML 251Page - Renesas Technology Corp H8/3024F Datasheet HTML 252Page - Renesas Technology Corp H8/3024F Datasheet HTML 253Page - Renesas Technology Corp H8/3024F Datasheet HTML 254Page - Renesas Technology Corp H8/3024F Datasheet HTML 255Page - Renesas Technology Corp H8/3024F Datasheet HTML 256Page - Renesas Technology Corp H8/3024F Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 215 of 800
REJ09B0260-0200
Bit 2—Counter Start 2 (STR2): Starts and stops timer counter 2 (16TCNT2).
Bit 2
STR2
Description
0
16TCNT2 is halted
(Initial value)
1
16TCNT2 is counting
Bit 1—Counter Start 1 (STR1): Starts and stops timer counter 1 (16TCNT1).
Bit 1
STR1
Description
0
16TCNT1 is halted
(Initial value)
1
16TCNT1 is counting
Bit 0—Counter Start 0 (STR0): Starts and stops timer counter 0 (16TCNT0).
Bit 0
STR0
Description
0
16TCNT0 is halted
(Initial value)
1
16TCNT0 is counting
8.2.2
Timer Synchro Register (TSNC)
TSNC is an 8-bit readable/writable register that selects whether channels 0 to 2 operate
independently or synchronously. Channels are synchronized by setting the corresponding bits to 1.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
2
SYNC2
0
R/W
1
SYNC1
0
R/W
0
SYNC0
0
R/W
Reserved bits
Timer sync 2 to 0
These bits synchronize
channels 2 to 0
TSNC is initialized to H'F8 by a reset and in standby mode.
Bits 7 to 3—Reserved: These bits cannot be modified and are always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com