Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 252Page - Renesas Technology Corp H8/3024F Datasheet HTML 253Page - Renesas Technology Corp H8/3024F Datasheet HTML 254Page - Renesas Technology Corp H8/3024F Datasheet HTML 255Page - Renesas Technology Corp H8/3024F Datasheet HTML 256Page - Renesas Technology Corp H8/3024F Datasheet HTML 257Page - Renesas Technology Corp H8/3024F Datasheet HTML 258Page - Renesas Technology Corp H8/3024F Datasheet HTML 259Page - Renesas Technology Corp H8/3024F Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 218 of 800
REJ09B0260-0200
In phase counting mode, external clock edge selection by bits CKEG1 and CKEG0 in 16TCR2
and counter clock selection by bits TPSC2 to TPSC0 are invalid, and the above phase counting
mode operations take precedence.
The counter clearing condition selected by the CCLR1 and CCLR0 bits in 16TCR2 and the
compare match/input capture settings and interrupt functions of TIOR2, TISRA, TISRB, TISRC
remain effective in phase counting mode.
Bit 5—Flag Direction (FDIR): Designates the setting condition for the OVF flag in TISRC. The
FDIR designation is valid in all modes in channel 2.
Bit 5
FDIR
Description
0
OVF is set to 1 in TISRC when 16TCNT2 overflows or underflows
(Initial value)
1
OVF is set to 1 in TISRC when 16TCNT2 overflows
Bits 4 and 3—Reserved: These bits cannot be modified and are always read as 1.
Bit 2—PWM Mode 2 (PWM2): Selects whether channel 2 operates normally or in PWM mode.
Bit 2
PWM2
Description
0
Channel 2 operates normally
(Initial value)
1
Channel 2 operates in PWM mode
When bit PWM2 is set to 1 to select PWM mode, pin TIOCA2 becomes a PWM output pin. The
output goes to 1 at compare match with GRA2, and to 0 at compare match with GRB2.
Bit 1—PWM Mode 1 (PWM1): Selects whether channel 1 operates normally or in PWM mode.
Bit 1
PWM1
Description
0
Channel 1 operates normally
(Initial value)
1
Channel 1 operates in PWM mode
When bit PWM1 is set to 1 to select PWM mode, pin TIOCA1 becomes a PWM output pin. The
output goes to 1 at compare match with GRA1, and to 0 at compare match with GRB1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com