Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 112Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 113Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 114Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 115Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 116Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 117Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 118Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 119Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 127 page
background image
Unit
Value
Parameter
Symbol
°C/W
60
Thermal resistance junction-ambient
LQFP 32 - 7 x 7 mm
ΘJA
°C/W
22
Thermal resistance junction-ambient
VQFPN 32 - 5 x 5 mm
ΘJA
1. Thermal resistances are based on JEDEC JESD51-2 with 4-layer PCB in a natural
convection environment.
Reference document
11.3.1
JESD51-2 integrated circuits thermal test method environment conditions - natural convection
(still air). Available from www.jedec.org.
Selecting the product temperature range
11.3.2
When ordering the microcontroller, the temperature range is specified in the order code.
The following example shows how to calculate the temperature range needed for a given
application.
Assuming the following application conditions:
• Maximum ambient temperature TAmaz = 82 °C (measured according to JESD51-2)
• IDDmax = 15 mA, VDD = 5.5 V
• Maximum 8 standard I/Os used at the same time in output at low level with IOL = 10 mA,
VOL= 2 V
• Maximum 4 high sink I/Os used at the same time in output at low level with IOL = 20 mA,
VOL= 1.5 V
• Maximum 2 true open drain I/Os used at the same time in output at low level with IOL =
20 mA, VOL= 2 V
PINTmax = 15 mA x 5.5 V = 82.5 mW
PIOmax = (10 mA x 2 V x 8 )+(20 mA x 2 V x 2)+(20 mA x 1.5 V x 4) = 360 mW
This gives: PINTmax = 82.5 mW and PIOmax 360 mW:
PDmax = 82.5 mW + 360 mW
Thus: PDmax = 443 mW
TJmax for LQFP32 can be calculated as follows, using the thermal resistance ΘJA :
TJmax = 75° C + (59° C/W x 464 mW) = 75°C + 27°C = 102° C
This is within the range of the suffix 6 version parts (-40 < TJ < 106° C). In this case, parts
must be ordered at least with the temperature range suffix 6.
DocID14771 Rev 9
116/127
STM8S105xx
Package characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com