Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 111Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 112Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 113Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 114Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 115Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 116Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 117Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 118Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 127 page
background image
inches
(1)
mm
Dim.
Max
Typ
Min
Max
Typ
Min
0.0700
1.778
e
0.4000
10.160
eA
0.5000
12.700
eB
0.1500
0.1200
0.1000
3.810
3.048
2.540
L
(1) Values in inches are converted from mm and rounded to 4 decimal digits
Thermal characteristics
11.3
The maximum chip junction temperature (TJ max) must never exceed the values given in
Operating conditions
The maximum chip-junction temperature, TJmax, in degrees Celsius, may be calculated using
the following equation:
TJmax = TAmax + (PDmax x ΘJA)
Where:
• TAmax is the maximum ambient temperature in °C
• ΘJA is the package junction-to-ambient thermal resistance in ° C/W
• PDmax is the sum of PINTmax and PI/Omax(PDmax = PINTmax + PI/Omax)
• PINTmax is the product of IDDandVDD, expressed in Watts. This is the maximum chip internal
power.
• PI/OmaxrepresentsthemaximumpowerdissipationonoutputpinsWhere:PI/Omax=Σ(VOL*IOL)
+ Σ((VDD-VOH)*IOH), taking into account the actual VOL/IOL and VOH/IOH of the I/Os at low
and high level in the application.
Table 58: Thermal characteristics
(1)
Unit
Value
Parameter
Symbol
°C/W
57
Thermal resistance junction-ambient
LQFP 48 - 7 x 7 mm
ΘJA
°C/W
54
Thermal resistance junction-ambient
LQFP 44 - 10 x 10 mm
ΘJA
115/127
DocID14771 Rev 9
Package characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com