Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 113Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 114Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 115Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 116Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 117Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 118Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 119Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 120Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 127 page
background image
Ordering information
12
Figure 53: STM8S105xx access line ordering information scheme
Product class
Pin count
K = 32 pins
S = 44 pins
C = 48 pins
Package type
B = SDIP
T = LQFP
U = VQFPN
Example:
Sub-family type
105 = access line STM8S105x
Family type
S = Standard
Temperature range
3 = -40 °C to 125 °C
6 = -40 °C to 85 °C
Program memory size
4 = 16 Kbytes
6 = 32 Kbytes
Package pitch
No character = 0.5 mm
C = 0.8 mm
Packing
No character = Tray or tube
TR = Tape and reel
STM8
S
105
K
4
T
6
C
TR
1. For a list of available options (e.g. memory size, package) and orderable part numbers or
for further information on any aspect of this device, please go to www.st.com or contact
the ST sales office nearest to you.
STM8S105 FASTROM microcontroller option list
12.1
(last update: March 2010)
.............................................................................................
Customer
.............................................................................................
Address
117/127
DocID14771 Rev 9
Ordering information
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com