Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 114Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 115Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 116Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 117Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 118Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 119Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 120Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 121Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 127 page
background image
.............................................................................................
Contact
.............................................................................................
Phone no.
.............................................................................................
Reference FASTROM code
a
Preferable format for programing code is .Hex (.s19 is accepted)
If data EEPROM programing is required, a seperate file must be sent with the requested data.
Important: See the option byte section in the datasheet for authorized option byte
combinations and a detailed explanation.
Device type/memory size/package (check only one option)
32 Kbyte
16 Kbyte
FASTROM device
[ ] STM8S105K6
[ ] STM8S105K4
VFQFPN32
[ ] STM8S105K6
[ ] STM8S105K4
LQFP32
[ ] STM8S105S6
[ ] STM8S105S4
LQFP44
[ ] STM8S105C6
[ ] STM8S105C4
LQFP48
Conditioning (check only one option)
[ ] Tape & reel or [ ] Tray
Special marking (check only one option)
[ ] No [ ] Yes
Authorized characters are letters, digits, '.', '-', '/' and spaces only. Maximum character counts
are:
VFQFPN32: 1 line of 7 characters max: "_ _ _ _ _ _ _"
LQFP32: 2 lines of 7 characters max: "_ _ _ _ _ _ _" and "_ _ _ _ _ _ _"
LQFP44: 2 lines of 7 characters max: "_ _ _ _ _ _ _" and "_ _ _ _ _ _ _"
LQFP48: 2 lines of 8 characters max: "_ _ _ _ _ _ _" and "_ _ _ _ _ _ _"
Temperature range
[ ] -40°C to +85°C or [ ] -40°C to +125°C
Padding value for unused program memory (check only one option)
Fixed value
[ ]0xFF
TRAP instruction opcode
[ ]0x83
Illegal opcode (causes a reset when executed)
[ ]0x75
OPT0 memory readout protection (check only one option)
[ ] Disable or [ ] Enable
OPT1 user boot code area (UBC)
0x(_ _) fill in the hexadecimal value, refering to the datasheet and the binary format below.
a
FASTROM code name is assigned by STMicroelectronics.
DocID14771 Rev 9
118/127
STM8S105xx
Ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com