Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 19Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 20Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 21Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 22Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 23Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 24Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 25Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 26Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 198 page
background image
Chapter 2 External Signal Description
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
23
2.2.5.2
Output Slew Rate Control
Slew rate control can be enabled for each port pin by setting the corresponding bit in one of the slew rate
control registers (PTxSEn). When enabled, slew control limits the rate at which an output can transition in
order to reduce EMC emissions. Slew rate control has no effect on pins that are configured as inputs.
2.2.5.3
Output Drive Strength Select
An output pin can be selected to have high output drive strength by setting the corresponding bit in one of
the drive strength select registers (PTxDSn). When high drive is selected, a pin is capable of sourcing and
sinking greater current. Even though every I/O pin can be selected as high drive, the user must ensure that
the total current source and sink limits for the chip are not exceeded. Drive strength selection is intended
to affect the DC behavior of I/O pins. However, the AC behavior is also affected. High drive allows a pin
to drive a greater load with the same switching speed as a low drive enabled pin into a smaller load.
Because of this, the EMC emissions may be affected by enabling pins as high drive.
Table 2-1. Pin Sharing Priority
Lowest <- Pin Function Priority -> Highest
Reference1
1 See the module section listed for information on modules that share these pins.
Port Pins
Alternative
Function
Alternative
Function
Alternative
Function
PTA0
PTA1
PTA2
PTA3
PTA4
PTA52
2 Pin does not contain a clamp diode to V
DD and must not be driven above VDD. The voltage measured on this
pin when internal pullup is enabled may be as low as VDD – 0.7 V. The internal gates connected to this pin are
pulled to VDD.
KBI1P0
KBI1P1
KBI1P2
KBI1P3
TPM2CH0O
TPM2CH0I
TPM1CH0
TPM1CH1
TCLK1
TCLK2
BKGD/MS
IRQ
ADC1P03
ADC1P13
ADC1P23
ADC1P33
RESET
3 If both of these analog modules are enabled both will have access to the pin.
KBI1, ADC1, and TPM1 Chapters
KBI1, ADC1, and TPM1 Chapters
KBI1, ADC1, and TPM1 Chapters
KBI1, ADC1, and TPM2 Chapters
TPM2 Chapters
IRQ4, and TPM2 Chapters
4 See Section 5.8, “Reset, Interrupt, and System Control Registers and Control Bits,” for information on
configuring the IRQ module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com