Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 42Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 43Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 44Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 45Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 46Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 47Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 48Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 49Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
46
Freescale Semiconductor
4.7.2
Flash Options Register (FOPT and NVOPT)
During reset, the contents of the nonvolatile location NVOPT are copied from flash into FOPT. To change
the value in this register, erase and reprogram the NVOPT location in flash memory as usual and then issue
a new MCU reset.
76
54
321
0
R
KEYEN
FNORED
0
0
0
0
SEC01
SEC00
W
Reset
This register is loaded from nonvolatile location NVOPT during reset.
= Unimplemented or Reserved
Figure 4-6. Flash Options Register (FOPT)
Table 4-8. FOPT Register Field Descriptions
Field
Description
7
KEYEN
Backdoor Key Mechanism Enable — When this bit is 0, the backdoor key mechanism cannot be used to
disengage security. The backdoor key mechanism is accessible only from user (secured) firmware. BDM
commands cannot be used to write key comparison values that would unlock the backdoor key. For more detailed
information about the backdoor key mechanism, refer to Section 4.6, “Security.”
0 No backdoor key access allowed.
1 If user firmware writes an 8-byte value that matches the nonvolatile backdoor key (NVBACKKEY through
NVBACKKEY+7 in that order), security is temporarily disengaged until the next MCU reset.
6
FNORED
Vector Redirection Disable — When this bit is 1, then vector redirection is disabled.
0 Vector redirection enabled.
1 Vector redirection disabled.
1:0
SEC0[1:0]
Security State Code — This 2-bit field determines the security state of the MCU as shown in Table 4-9. When
the MCU is secure, the contents of RAM and flash memory cannot be accessed by instructions from any
unsecured source including the background debug interface. SEC01:SEC00 changes to 1:0 after successful
backdoor key entry or a successful blank check of flash.
For more detailed information about security, refer to Section 4.6, “Security.”
Table 4-9. Security States1
1 SEC01:SEC00 changes to 1:0 after successful backdoor
key entry or a successful blank check of flash.
SEC01:SEC00
Description
0:0
secure
0:1
secure
1:0
unsecured
1:1
secure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com