Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 41Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 42Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 43Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 44Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 45Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 46Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 47Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 48Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
45
if PRDIV8 = 0 – fFCLK = fBus ÷ (DIV + 1)
Eqn. 4-1
if PRDIV8 = 1 – fFCLK = fBus ÷ (8 × (DIV + 1))
Eqn. 4-2
Table 4-7 shows the appropriate values for PRDIV8 and DIV for selected bus frequencies.
76
54
321
0
RDIVLD
PRDIV8
DIV
W
Reset
000
00
000
= Unimplemented or Reserved
Figure 4-5. Flash Clock Divider Register (FCDIV)
Table 4-6. FCDIV Register Field Descriptions
Field
Description
7
DIVLD
Divisor Loaded Status Flag — When set, this read-only status flag indicates that the FCDIV register has been
written since reset. Reset clears this bit and the first write to this register causes this bit to become set regardless
of the data written.
0 FCDIV has not been written since reset; erase and program operations disabled for flash.
1 FCDIV has been written since reset; erase and program operations enabled for flash.
6
PRDIV8
Prescale (Divide) Flash Clock by 8
0 Clock input to the flash clock divider is the bus rate clock.
1 Clock input to the flash clock divider is the bus rate clock divided by 8.
5:0
DIV
Divisor for Flash Clock Divider — The flash clock divider divides the bus rate clock (or the bus rate clock
divided by 8 if PRDIV8 = 1) by the value in the 6-bit DIV field plus one. The resulting frequency of the internal
flash clock must fall within the range of 200 kHz to 150 kHz for proper flash operations. Program/Erase timing
pulses are one cycle of this internal flash clock which corresponds to a range of 5
μs to 6.7 μs. The automated
programming logic uses an integer number of these pulses to complete an erase or program operation. See
Equation 4-1 and Equation 4-2.
Table 4-7. Flash Clock Divider Settings
fBus
PRDIV8
(Binary)
DIV
(Decimal)
fFCLK
Program/Erase Timing Pulse
(5
μs Min, 6.7 μs Max)
8 MHz
0
39
200 kHz
5
μs
4 MHz
0
19
200 kHz
5
μs
2 MHz
0
9
200 kHz
5
μs
1 MHz
0
4
200 kHz
5
μs
200 kHz
0
0
200 kHz
5
μs
150 kHz
0
0
150 kHz
6.7
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com