Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 34Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 35Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 36Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 37Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 38Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 39Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 40Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 41Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
38
Freescale Semiconductor
program and erase pulses. An integer number of these timing pulses is used by the command processor to
complete a program or erase command.
Table 4-5 shows program and erase times. The bus clock frequency and FCDIV determine the frequency
of FCLK (fFCLK). The time for one cycle of FCLK is tFCLK =1/fFCLK. The times are shown as a number
of cycles of FCLK and as an absolute time for the case where tFCLK =5 μs. Program and erase times
shown include overhead for the command state machine and enabling and disabling of program and erase
voltages.
4.5.3
Program and Erase Command Execution
The steps for executing any of the commands are listed below. The FCDIV register must be initialized and
any error flags cleared before beginning command execution. The command execution steps are:
1. Write a data value to an address in the flash array. The address and data information from this write
is latched into the flash interface. This write is a required first step in any command sequence. For
erase and blank check commands, the value of the data is not important. For page erase commands,
the address can be any address in the 512-byte page of flash to be erased. For mass erase and blank
check commands, the address can be any address in the flash memory. Whole pages of 512 bytes
are the smallest block of flash that can be erased.
NOTE
•
A mass or page erase of the last page in flash will erase the factory
programmed internal reference clock trim value.
•
Do not program any byte in the flash more than once after a successful
erase operation. Reprogramming bits in a byte which is already
programmed is not allowed without first erasing the page in which the
byte resides or mass erasing the entire flash memory. Programming
without first erasing may disturb data stored in the flash.
2. Write the command code for the desired command to FCMD. The five valid commands are blank
check (0x05), byte program (0x20), burst program (0x25), page erase (0x40), and mass erase
(0x41). The command code is latched into the command buffer.
3. Write a 1 to the FCBEF bit in FSTAT to clear FCBEF and launch the command (including its
address and data information).
A partial command sequence can be aborted manually by writing a 0 to FCBEF any time after the write to
the memory array and before writing the 1 that clears FCBEF and launches the complete command.
Table 4-5. Program and Erase Times
Parameter
Cycles of FCLK
Time if FCLK = 200 kHz
Byte program
9
45
μs
Byte program (burst)
4
20
μs1
1 Excluding start/end overhead
Page erase
4000
20 ms
Mass erase
20,000
100 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com