Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 21Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 22Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 23Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 24Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 25Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 26Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 27Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 28Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 198 page
background image
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
25
Chapter 3
Modes of Operation
3.1
Introduction
The operating modes of the MC9S08QD4 series are described in this chapter. Entry into each mode, exit
from each mode, and functionality while in each of the modes are described.
3.2
Features
•
Active background mode for code development
•
Wait mode:
— CPU shuts down to conserve power
— System clocks running
— Full voltage regulation maintained
•
Stop modes:
— CPU and bus clocks stopped
— Stop2 — Partial power down of internal circuits, RAM contents retained
— Stop3 — All internal circuits powered for fast recovery
3.3
Run Mode
This is the normal operating mode for the MC9S08QD4 series. This mode is selected when the BKGD/MS
pin is high at the rising edge of reset. In this mode, the CPU executes code from internal memory with
execution beginning at the address fetched from memory at 0xFFFE:0xFFFF after reset.
3.4
Active Background Mode
The active background mode functions are managed through the background debug controller (BDC) in
the HCS08 core. The BDC provides the means for analyzing MCU operation during software
development.
Active background mode is entered in any of five ways:
•
When the BKGD/MS pin is low at the rising edge of reset
•
When a BACKGROUND command is received through the BKGD pin
•
When a BGND instruction is executed
•
When encountering a BDC breakpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com