Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 79Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 80Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 81Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 82Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 83Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 84Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 85Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 86Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 198 page
background image
Chapter 7 Central Processor Unit (S08CPUV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
83
BCLR n,opr8a
Clear Bit n in Memory
(Mn
← 0)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
11
13
15
17
19
1B
1D
1F
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
– – – – – –
BCS rel
Branch if Carry Bit Set (if C = 1)
(Same as BLO)
REL
25 rr
3
ppp
– – – – – –
BEQ rel
Branch if Equal (if Z = 1)
REL
27 rr
3
ppp
– – – – – –
BGE rel
Branch if Greater Than or Equal To
(if N
⊕ V = 0) (Signed)
REL
90 rr
3
ppp
– – – – – –
BGND
Enter active background if ENBDM=1
Waits for and processes BDM commands
until GO, TRACE1, or TAGGO
INH
82
5+
fp...ppp
– – – – – –
BGT rel
Branch if Greater Than (if Z | (N
⊕ V) = 0)
(Signed)
REL
92 rr
3
ppp
– – – – – –
BHCC rel
Branch if Half Carry Bit Clear (if H = 0)
REL
28 rr
3
ppp
– – – – – –
BHCS rel
Branch if Half Carry Bit Set (if H = 1)
REL
29 rr
3
ppp
– – – – – –
BHI rel
Branch if Higher (if C | Z = 0)
REL
22 rr
3
ppp
– – – – – –
BHS rel
Branch if Higher or Same (if C = 0)
(Same as BCC)
REL
24 rr
3
ppp
– – – – – –
BIH rel
Branch if IRQ Pin High (if IRQ pin = 1)
REL
2F rr
3
ppp
– – – – – –
BIL rel
Branch if IRQ Pin Low (if IRQ pin = 0)
REL
2E rr
3
ppp
– – – – – –
BIT #opr8i
BIT opr8a
BIT opr16a
BIT oprx16,X
BIT oprx8,X
BIT ,X
BIT oprx16,SP
BIT oprx8,SP
Bit Test
(A) & (M)
(CCR Updated but Operands Not Changed)
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A5
B5
C5
D5
E5
F5
9E D5
9E E5
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
pp
rpp
prpp
prpp
rpp
rfp
pprpp
prpp
0 – –
–
BLE rel
Branch if Less Than or Equal To
(if Z | (N
⊕ V) = 1) (Signed)
REL
93 rr
3
ppp
– – – – – –
BLO rel
Branch if Lower (if C = 1) (Same as BCS)
REL
25 rr
3
ppp
– – – – – –
BLS rel
Branch if Lower or Same (if C | Z = 1)
REL
23 rr
3
ppp
– – – – – –
BLT rel
Branch if Less Than (if N
⊕ V = 1) (Signed)
REL
91 rr
3
ppp
– – – – – –
BMC rel
Branch if Interrupt Mask Clear (if I = 0)
REL
2C rr
3
ppp
– – – – – –
BMI rel
Branch if Minus (if N = 1)
REL
2B rr
3
ppp
– – – – – –
BMS rel
Branch if Interrupt Mask Set (if I = 1)
REL
2D rr
3
ppp
– – – – – –
BNE rel
Branch if Not Equal (if Z = 0)
REL
26 rr
3
ppp
– – – – – –
BPL rel
Branch if Plus (if N = 0)
REL
2A rr
3
ppp
– – – – – –
Table 7-2. Instruction Set Summary (Sheet 2 of 9)
Source
Form
Operation
Object Code
Cyc-by-Cyc
Details
Affect
on CCR
VH I N Z C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com