Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 16Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 17Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 18Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 19Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 20Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 21Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 22Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 23Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 198 page
background image
Chapter 2 External Signal Description
MC9S08QD4 Series MCU Data Sheet, Rev. 6
20
Freescale Semiconductor
Figure 2-2. Basic System Connections
2.2.1
Power
VDD and VSS are the primary power supply pins for the MCU. This voltage source supplies power to all
I/O buffer circuitry, the ADC module, and to an internal voltage regulator. The internal voltage regulator
provides regulated lower-voltage source to the CPU and other internal circuitry of the MCU.
Typically, application systems have two separate capacitors across the power pins: a bulk electrolytic
capacitor, such as a 10
μF tantalum capacitor, to provide bulk charge storage for the overall system, and a
bypass capacitor, such as a 0.1
μF ceramic capacitor, located as near to the MCU power pins as practical
to suppress high-frequency noise.
VDD
VSS
RESET
OPTIONAL
MANUAL
RESET
PORT
A
VDD
BACKGROUND HEADER
CBY
0.1 μF
CBLK
10 μF
+
5 V
+
SYSTEM
POWER
I/O AND
PERIPHERAL
INTERFACE TO
SYSTEM
APPLICATION
PTA0/KBI1P0/TPM1CH0/ADC1P0
PTA1/KBI1P1/TPM1CH1/ADC1P1
PTA2/KBI1P2/TCLK1/ADC1P2
PTA3/KBI1P3/TCLK2/ADC1P3
VDD
PTA4/TPM2CH0O/BKGD/MS
PTA5/TPM2CH0I/IRQ/RESET
MC9S08QD4
BKGD
NOTE 2
NOTES:
1. RESET pin can only be used to reset into user mode, you can not enter BDM using RESET pin. BDM can
be entered by holding MS low during POR or writing a 1 to BDFR in SBDFR with MS low after issuing BDM
command.
2. IRQ has optional internal pullup/pulldown device
IRQ
ASYNCHRONOUS
INTERRUPT
INPUT
NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com