Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 91Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 92Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 93Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 94Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 95Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 96Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 97Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 98Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 198 page
background image
Chapter 8 Analog-to-Digital Converter (ADC10V1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
95
8.1.1.1
Channel Assignments
The ADC channel assignments for the MC9S08QD4 series devices are shown in Table 8-1. Reserved
channels convert to an unknown value.
8.1.1.2
Alternate Clock
The ADC is capable of performing conversions using the MCU bus clock, the bus clock divided by two,
or the local asynchronous clock (ADACK) within the module. The alternate clock, ALTCLK, input for the
MC9S08QD4 series MCU devices is not implemented.
8.1.1.3
Hardware Trigger
The ADC hardware trigger, ADHWT, is output from the real-time interrupt (RTI) counter. The RTI counter
can be clocked by either ICSERCLK or a nominal 32 kHz clock source within the RTI block.
The period of the RTI is determined by the input clock frequency and the RTIS bits. The RTI counter is a
free running counter that generates an overflow at the RTI rate determined by the RTIS bits. When the
ADC hardware trigger is enabled, a conversion is initiated upon a RTI counter overflow.
Table 8-1. ADC Channel Assignment
ADCH
Channel
Input
Pin Control
ADCH
Channel
Input
Pin Control
00000
AD0
PTA0/ADC1P0
ADPC0
10000
AD16
VSS
N/A
00001
AD1
PTA1/ADC1P1
ADPC1
10001
AD17
VSS
N/A
00010
AD2
PTA2/ADC1P2
ADPC2
10010
AD18
VSS
N/A
00011
AD3
PTA3/ADC1P3
ADPC3
10011
AD19
VSS
N/A
00100
AD4
Vss
N/A
10100
AD20
VSS
N/A
00101
AD5
Vss
N/A
10101
AD21
VSS
N/A
00110
AD6
Vss
N/A
10110
AD22
Reserved
N/A
00111
AD7
Vss
N/A
10111
AD23
Reserved
N/A
01000
AD8
VSS
N/A
11000
AD24
Reserved
N/A
01001
AD9
VSS
N/A
11001
AD25
Reserved
N/A
01010
AD10
VSS
N/A
11010
AD26
Temperature
Sensor1
1 For information, see Section 8.1.1.5, “Temperature Sensor.”
N/A
01011
AD11
VSS
N/A
11011
AD27
Internal Bandgap2
2 Requires BGBE =1 in SPMSC1 see Section 5.8.8, “System Power Management Status and Control 1 Register (SPMSC1).”
For value of bandgap voltage reference see Appendix A.5, “DC Characteristics.”
N/A
01100
AD12
VSS
N/A
11100
VREFH
VDD
N/A
01101
AD13
VSS
N/A
11101
VREFH
VDD
N/A
01110
AD14
VSS
N/A
11110
VREFL
VSS
N/A
01111
AD15
VSS
N/A
11111
Module
Disabled
None
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com