Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 59Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 60Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 61Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 62Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 63Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 64Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 65Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 66Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 198 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
63
5.8.7
System Real-Time Interrupt Status and Control Register (SRTISC)
This high-page register contains status and control bits for the RTI.
76
54
321
0
R
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
W
Reset:
000
01
001
= Unimplemented or Reserved
Figure 5-8. System Device Identification Register — Low (SDIDL)
Table 5-9. SDIDL Register Field Descriptions
Field
Description
7:0
ID[7:0]
Part Identification Number — Each derivative in the HCS08 family has a unique identification number. The
MC9S08QD4 series is hard coded to the value 0x011. See also ID bits in Table 5-8.
76
54
321
0
RRTIF
0
RTICLKS
RTIE
0
RTIS
W
RTIACK
Reset:
000
00
000
= Unimplemented or Reserved
Figure 5-9. System RTI Status and Control Register (SRTISC)
Table 5-10. SRTISC Register Field Descriptions
Field
Description
7
RTIF
Real-Time Interrupt Flag — This read-only status bit indicates the periodic wakeup timer has timed out.
0 Periodic wakeup timer not timed out.
1 Periodic wakeup timer timed out.
6
RTIACK
Real-Time Interrupt Acknowledge — This write-only bit is used to acknowledge real-time interrupt request
(write 1 to clear RTIF). Writing 0 has no meaning or effect. Reads always return 0.
5
RTICLKS
Real-Time Interrupt Clock Select — This read/write bit selects the clock source for the real-time interrupt.
0 Real-time interrupt request clock source is internal 1 kHz oscillator.
1 Real-time interrupt request clock source is 32 kHz ICS clock.
4
RTIE
Real-Time Interrupt Enable — This read-write bit enables real-time interrupts.
0 Real-time interrupts disabled.
1 Real-time interrupts enabled.
2:0
RTIS
Real-Time Interrupt Delay Selects — These read/write bits select the period for the RTI. See Table 5-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com