Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 53Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 54Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 55Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 56Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 57Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 58Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 59Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 60Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 198 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
57
5.6.1
Power-On Reset Operation
When power is initially applied to the MCU, or when the supply voltage drops below the VPOR level, the
POR circuit will cause a reset condition. As the supply voltage rises, the LVD circuit will hold the MCU
in reset until the supply has risen above the VLVDL level. Both the POR bit and the LVD bit in SRS are set
following a POR.
5.6.2
LVD Reset Operation
The LVD can be configured to generate a reset upon detection of a low voltage condition by setting
LVDRE to 1. After an LVD reset has occurred, the LVD system will hold the MCU in reset until the supply
voltage has risen above the level determined by LVDV. The LVD bit in the SRS register is set following
either an LVD reset or POR.
5.6.3
LVD Interrupt Operation
When a low voltage condition is detected and the LVD circuit is configured using SPMSC1 for interrupt
operation (LVDE set, LVDIE set, and LVDRE clear), then LVDF in SPMSC1 will be set and an LVD
interrupt request will occur.
5.6.4
Low-Voltage Warning (LVW)
The LVD system has a low voltage warning flag to indicate to the user that the supply voltage is
approaching, but is above, the LVD voltage. The LVW does not have an interrupt associated with it. There
are two user selectable trip voltages for the LVW, one high (VLVWH) and one low (VLVWL). The trip
voltage is selected by LVWV in SPMSC2.
5.7
Real-Time Interrupt (RTI)
The real-time interrupt function can be used to generate periodic interrupts. The RTI can accept two
sources of clocks, the 1 kHz internal clock or an 32 kHz ICS clock if available. The RTICLKS bit in
SRTISC is used to select the RTI clock source.
Both clock source can be used when the MCU is in run, wait or stop3 mode. When using the 32 kHz ICS
clock in stop3, it must be enabled in stop (EREFSTEN = 1) and configured for low frequency operation
(RANGE = 0). Only the internal 1 kHz clock source can be selected to wake the MCU from stop1 or stop2
modes.
The SRTISC register includes a read-only status flag, a write-only acknowledge bit, and a 3-bit control
value (RTIS) used to select one of seven wakeup periods. The RTI has a local interrupt enable, RTIE, to
allow masking of the real-time interrupt. The RTI can be disabled by writing each bit of RTIS to zeroes,
and no interrupts will be generated. See Section 5.8.7, “System Real-Time Interrupt Status and Control
Register (SRTISC),” for detailed information about this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com