Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 106Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 107Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 108Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 109Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 110Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 111Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 112Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 113Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 198 page
background image
Analog-to-Digital Converter (S08ADC10V1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
110
Freescale Semiconductor
8.4.4.2
Completing Conversions
A conversion is completed when the result of the conversion is transferred into the data result registers,
ADCRH and ADCRL. This is indicated by the setting of COCO. An interrupt is generated if AIEN is high
at the time that COCO is set.
A blocking mechanism prevents a new result from overwriting previous data in ADCRH and ADCRL if
the previous data is in the process of being read while in 10-bit MODE (the ADCRH register has been read
but the ADCRL register has not). When blocking is active, the data transfer is blocked, COCO is not set,
and the new result is lost. In the case of single conversions with the compare function enabled and the
compare condition false, blocking has no effect and ADC operation is terminated. In all other cases of
operation, when a data transfer is blocked, another conversion is initiated regardless of the state of ADCO
(single or continuous conversions enabled).
If single conversions are enabled, the blocking mechanism could result in several discarded conversions
and excess power consumption. To avoid this issue, the data registers must not be read after initiating a
single conversion until the conversion completes.
8.4.4.3
Aborting Conversions
Any conversion in progress will be aborted when:
•
A write to ADCSC1 occurs (the current conversion will be aborted and a new conversion will be
initiated, if ADCH are not all 1s).
•
A write to ADCSC2, ADCCFG, ADCCVH, or ADCCVL occurs. This indicates a mode of
operation change has occurred and the current conversion is therefore invalid.
•
The MCU is reset.
•
The MCU enters stop mode with ADACK not enabled.
When a conversion is aborted, the contents of the data registers, ADCRH and ADCRL, are not altered but
continue to be the values transferred after the completion of the last successful conversion. In the case that
the conversion was aborted by a reset, ADCRH and ADCRL return to their reset states.
8.4.4.4
Power Control
The ADC module remains in its idle state until a conversion is initiated. If ADACK is selected as the
conversion clock source, the ADACK clock generator is also enabled.
Power consumption when active can be reduced by setting ADLPC. This results in a lower maximum
value for fADCK (see the electrical specifications).
8.4.4.5
Total Conversion Time
The total conversion time depends on the sample time (as determined by ADLSMP), the MCU bus
frequency, the conversion mode (8-bit or 10-bit), and the frequency of the conversion clock (fADCK). After
the module becomes active, sampling of the input begins. ADLSMP is used to select between short and
long sample times.When sampling is complete, the converter is isolated from the input channel and a
successive approximation algorithm is performed to determine the digital value of the analog signal. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com