Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 169 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 169 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 165Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 166Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 167Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 168Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 169Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 170Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 171Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 172Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 173Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 198 page
background image
Development Support
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
169
12.3.1.1
BDC Status and Control Register (BDCSCR)
This register can be read or written by serial BDC commands (READ_STATUS and WRITE_CONTROL)
but is not accessible to user programs because it is not located in the normal memory map of the MCU.
76
543
210
R
ENBDM
BDMACT
BKPTEN
FTS
CLKSW
WS
WSF
DVF
W
Normal
Reset
000
000
00
Reset in
Active BDM:
110
010
00
= Unimplemented or Reserved
Figure 12-5. BDC Status and Control Register (BDCSCR)
Table 12-2. BDCSCR Register Field Descriptions
Field
Description
7
ENBDM
Enable BDM (Permit Active Background Mode) — Typically, this bit is written to 1 by the debug host shortly
after the beginning of a debug session or whenever the debug host resets the target and remains 1 until a normal
reset clears it.
0 BDM cannot be made active (non-intrusive commands still allowed)
1 BDM can be made active to allow active background mode commands
6
BDMACT
Background Mode Active Status — This is a read-only status bit.
0 BDM not active (user application program running)
1 BDM active and waiting for serial commands
5
BKPTEN
BDC Breakpoint Enable — If this bit is clear, the BDC breakpoint is disabled and the FTS (force tag select)
control bit and BDCBKPT match register are ignored.
0 BDC breakpoint disabled
1 BDC breakpoint enabled
4
FTS
Force/Tag Select — When FTS = 1, a breakpoint is requested whenever the CPU address bus matches the
BDCBKPT match register. When FTS = 0, a match between the CPU address bus and the BDCBKPT register
causes the fetched opcode to be tagged. If this tagged opcode ever reaches the end of the instruction queue,
the CPU enters active background mode rather than executing the tagged opcode.
0 Tag opcode at breakpoint address and enter active background mode if CPU attempts to execute that
instruction
1 Breakpoint match forces active background mode at next instruction boundary (address need not be an
opcode)
3
CLKSW
Select Source for BDC Communications Clock — CLKSW defaults to 0, which selects the alternate BDC clock
source.
0 Alternate BDC clock source
1 MCU bus clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com