Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 7Page - STMicroelectronics L99DZ70XP Datasheet HTML 8Page - STMicroelectronics L99DZ70XP Datasheet HTML 9Page - STMicroelectronics L99DZ70XP Datasheet HTML 10Page - STMicroelectronics L99DZ70XP Datasheet HTML 11Page - STMicroelectronics L99DZ70XP Datasheet HTML 12Page - STMicroelectronics L99DZ70XP Datasheet HTML 13Page - STMicroelectronics L99DZ70XP Datasheet HTML 14Page - STMicroelectronics L99DZ70XP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
L99DZ70XP
Electrical specifications
Doc ID 15162 Rev 3
11/47
2.3
Thermal data
2.4
Electrical characteristics
VS = 8 to 16V, VCC= 4.5 to 5.3V, Tj = - 40 to 150°C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
Table 5.
Operating junction temperature
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature
-40 to 150
°C
Table 6.
Temperature warning and thermal shutdown
Symbol
Parameter
Min.
Typ.
Max. Unit
TjTW ON
Temperature warning threshold junction
temperature
Tj
130
150
°C
TjSD ON
Thermal shutdown threshold junction
temperature
Tj
increasing
170
°C
TjSD OFF
Thermal shutdown threshold junction
temperature
Tj
decreasing
150
°C
TjSD HYS Thermal shutdown hysteresis
5
°K
Table 7.
Supply
Item
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
7.1
VS
Operating voltage range
7
28
V
7.2
IS
VS DC supply current
VS =16 V, VCC =5.3 V
active mode
OUT1 - OUT11, ECV,
ECDR floating
720
mA
7.3
VS quiescent supply
current
VS =16 V, VCC =0V
standby mode
OUT1 - OUT11, ECV,
ECDR floating
Ttest = -40°C, 25°C
412
µA
7.4(1)
Ttest = 85°C
6
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com