Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 8Page - STMicroelectronics L99DZ70XP Datasheet HTML 9Page - STMicroelectronics L99DZ70XP Datasheet HTML 10Page - STMicroelectronics L99DZ70XP Datasheet HTML 11Page - STMicroelectronics L99DZ70XP Datasheet HTML 12Page - STMicroelectronics L99DZ70XP Datasheet HTML 13Page - STMicroelectronics L99DZ70XP Datasheet HTML 14Page - STMicroelectronics L99DZ70XP Datasheet HTML 15Page - STMicroelectronics L99DZ70XP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Electrical specifications
L99DZ70XP
12/47
Doc ID 15162 Rev 3
7.5
ICC
VCC DC supply current
VS =16 V, VCC =5.3 V
CSN = VCC, active mode
OUT1 - OUT11, ECV,
ECDR floating
13
mA
7.6(2)
VCC quiescent supply
current
VS =16 V,
VCC =5.3 VCSN =VCC
standby mode
OUT1 - OUT11, ECV,
ECDR floating
Ttest = -40°C, 25°C
36
µA
7.7(1)
Ttest = 85°C
5
10
1.
This parameter is guaranteed by design.
2.
CM/ PWM 2 = VCC or 0 V.
Table 8.
Overvoltage and under voltage detection
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
8.1
VSUV on
VS UV-threshold voltage
VS increasing
5.6
7.2
V
8.2
VSUV off
VS UV-threshold voltage
VS decreasing
5.2
6.1
V
8.3
VSUV hyst VS UV-hysteresis
VSUV ON - VSUV OFF
0.5
V
8.4
VSOV off
VS OV-threshold voltage
VS increasing
18
24.5
V
8.5
VSOV on
VS OV-threshold voltage
VS decreasing
17.5
23.5
V
8.6
VSOV hyst VS OV-hysteresis
VSOV OFF - VSOV ON
1V
8.7
VPOR off
Power-on-reset threshold
VCC increasing
2.9
V
8.8
VPOR on
Power-on-reset threshold
VCC decreasing
2.0
V
8.9
VPOR hyst Power-on-reset hysteresis VPOR OFF - VPOR ON
0.11
V
Table 9.
Current monitor output CM / PWM 2
Item Symbol
Parameter
Test condition
Min.
Typ.
Max
Unit
9.1
VCM
Functional voltage
range
0VCC-1V
V
9.2
ICM,r
Current monitor
output ratio:
ICM /IOUT1,4,5,6,11
and 7,8
(low on-resistance)
0V <= VCM <= 4V
VCC=5V
9.3
ICM /IOUT2,3,9,10
and 7,8
(high on-resistance)
Table 7.
Supply (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
1
10.000
------------------
1
2000
-------------
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com