Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 24Page - STMicroelectronics L99DZ70XP Datasheet HTML 25Page - STMicroelectronics L99DZ70XP Datasheet HTML 26Page - STMicroelectronics L99DZ70XP Datasheet HTML 27Page - STMicroelectronics L99DZ70XP Datasheet HTML 28Page - STMicroelectronics L99DZ70XP Datasheet HTML 29Page - STMicroelectronics L99DZ70XP Datasheet HTML 30Page - STMicroelectronics L99DZ70XP Datasheet HTML 31Page - STMicroelectronics L99DZ70XP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Application information
L99DZ70XP
28/47
Doc ID 15162 Rev 3
3.15
Controller for electrochromic glass
The voltage of an electrochromic element connected at pin ECV can be controlled to a
target value, which is set by the bits 7 down to 2 of control register 1. Setting bit 1 of control
register 1 enables this function. An on-chip differential amplifier and an external MOS
source follower, with its gate connected to pin ECDR and which drives the electrochrome
mirror voltage at pin ECV, form the control loop. The drain of the external MOS transistor is
supplied by OUT10. A diode from pin ECV (anode) to pin ECDR (cathode) has been placed
on the chip to protect the external MOS source follower. A capacitor of at least 5 nF has to
be added to pin ECDR for loop-stability.
The target voltage is binary coded with a full scale range of 1.5V. If Bit 0 of control register 2
is set to '1', the maximum controller output voltage is clamped to 1.2V without changing the
resolution of bits 7-2 of control register 1. When setting the target voltage to 0V and
programming the ECVLS driver to on-state, the voltage at pin ECV is pulled to ground by a
1.6 Ohm low-side switch (fast discharge).
The status of the voltage control loop is reported via SPI. Bit 0 in the status register 2 is set,
if the voltage at pin ECV is higher, whereas Bit 1 in the same status register is set, if the
voltage at pin ECV is lower than the target value. Both status bits are valid, if they are stable
for at least 150 µs.
Since OUT10 is the output of a high-side driver, it contains the same diagnose functions as
the other high-side drivers (e.g. During an over current detection, the control loop is
switched off). In electrochrome mode OUT10 cannot be controlled by PWM mode. For EMS
reasons the loop capacitor at pin ECDR as well as the capacitor between ECV and GND
have to be placed to the respective pins as close as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com