Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 27Page - STMicroelectronics L99DZ70XP Datasheet HTML 28Page - STMicroelectronics L99DZ70XP Datasheet HTML 29Page - STMicroelectronics L99DZ70XP Datasheet HTML 30Page - STMicroelectronics L99DZ70XP Datasheet HTML 31Page - STMicroelectronics L99DZ70XP Datasheet HTML 32Page - STMicroelectronics L99DZ70XP Datasheet HTML 33Page - STMicroelectronics L99DZ70XP Datasheet HTML 34Page - STMicroelectronics L99DZ70XP Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
L99DZ70XP
Functional description of the SPI
Doc ID 15162 Rev 3
31/47
Ocx: Operation code
Ax: Address
Dx: Data Bit
4.2
Command byte
Each communication frame starts with a command byte. It consists of an operating code
which specifies the type of operation (<Read>, <Write>, <Read and Clear>, <Read Device
Information>) and a 6 bit address. If less than 6 address bits are required, the remaining bits
are unused but are reserved.
4.2.1
Operation code definition
The <Write Mode> and <Read Mode> operations allow access to the RAM of the device.
A <Read and Clear Mode> operation is used to read a status register and subsequently
clear its content.
The <Read Device Information> allows access to the ROM area which contains device
related information such as <ID-Header>, <Product Code>, <Silicon Version and Category>
and <SPI-frame-ID>.
Table 20.
SPI frame
Command Byte
Data Byte
Data Byte
Bit
23
22
21
29
19
18
17
16
15
1413121110
9
8
7
6
543
21
0
Name
OC1
OC0
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Table 21.
Operation code definition
OC1
OC0
Meaning
0
0
<Write Mode>
0
1
<Read Mode>
1
0
<Read and Clear Mode>
1
1
<Read Device Information>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com