Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 12Page - STMicroelectronics L99DZ70XP Datasheet HTML 13Page - STMicroelectronics L99DZ70XP Datasheet HTML 14Page - STMicroelectronics L99DZ70XP Datasheet HTML 15Page - STMicroelectronics L99DZ70XP Datasheet HTML 16Page - STMicroelectronics L99DZ70XP Datasheet HTML 17Page - STMicroelectronics L99DZ70XP Datasheet HTML 18Page - STMicroelectronics L99DZ70XP Datasheet HTML 19Page - STMicroelectronics L99DZ70XP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Electrical specifications
L99DZ70XP
16/47
Doc ID 15162 Rev 3
11.33
tD HL
Cross current
protection time
tcc ONLS_OFFHS -
td OFFH
(4)
50
200
400
µs
11.34
tD LH
tcc ONHS_OFFLS -
td OFFL
(4)
11.35
dVOUT/dton/off Slew rate of OUTx
VS = 13.5V,
VCC =5V
(1)(2)(3))
0.1
0.2
0.6
V/µs
1.
Rload = 16
Ω at OUT1, 6 and 7,8 in low on-resistance mode.
2.
Rload = 4
Ω at OUT4, 5 and 11.
3.
Rload = 64
Ω at OUT2, 3, 9, 10, ECV and 7, 8 in high On-resistance mode.
4.
tcc is the switch-on delay time if complement in half bridge has to switch-off.
Table 12.
Current monitoring
Item
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
12.1
|IOC1|,
|IOC6|
Over-current threshold
to supply or GND
VS =13.5V,
VCC =5V,
sink and source
35
A
12.2
|IOC2|,
|IOC3|
0.75
1.25
A
12.3
|IOC4|,
|IOC5|
610
A
12.4
|IOC9|,
|IOC10|
Over-current threshold
to supply
VS =13.5V,
VCC = 5 V, source
0.5
1.0
A
12.5
|IOC11|
6
10
A
12.6
|IOC7|,
|IOC8|
Over-current threshold
to supply in low
on-resistance mode
VS =13.5V, VCC =5V,
source, control register
1 bits 12 to 15: 0101
1.5
2.5
A
12.7
Over-current threshold
to supply in high
on-resistance mode
VS =13.5V, VCC =5V,
source, control register
1 bits 12 to 15: 1010
0.35
0.65
A
12.8
|IOCECV|
Output current
limitation to GND
VS =13.5V,
VCC = 5 V, source
0.75
1.25
A
12.9
tFOC
Filter time of
over-current signal
Duration of over-current
condition to set the
status bit
10
55
100
µs
12.10
frec0
Recovery frequency for OC
recovery duty cycle bit= 0
1
4
kHz
12.11
frec1
Recovery frequency for OC
recovery duty cycle bit= 1
2
6
kHz
Table 11.
On-resistance and switching times (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com