Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 20Page - STMicroelectronics L99DZ70XP Datasheet HTML 21Page - STMicroelectronics L99DZ70XP Datasheet HTML 22Page - STMicroelectronics L99DZ70XP Datasheet HTML 23Page - STMicroelectronics L99DZ70XP Datasheet HTML 24Page - STMicroelectronics L99DZ70XP Datasheet HTML 25Page - STMicroelectronics L99DZ70XP Datasheet HTML 26Page - STMicroelectronics L99DZ70XP Datasheet HTML 27Page - STMicroelectronics L99DZ70XP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Application information
L99DZ70XP
24/47
Doc ID 15162 Rev 3
3
Application information
3.1
Dual power supply: VS and VCC
The power supply voltage VS supplies the half bridges and the highside drivers. An internal
charge-pump is used to drive the highside switches. The logic supply voltage VCC is used
for the logic part and the SPI of the device.
Due to the independent logic supply voltage the control and status information will not be
lost, if there are temporary spikes or glitches on the power supply voltage.
3.2
Wake up and active mode / standby mode
After power up of VS and Vcc the device operates in standby-mode. Pulling the signal CSN
to low level wakes the device up and the analog part will be activated (active mode).
After at least 10µs, the first SPI communication is valid and bit 0 of the Control Register 0
can be used to set the EN-mode. If bit 0 is not set to 1, the device doesn't remain in the
active mode. After at least 256µs all latched data will be cleared and the inputs and outputs
are switched to high impedance. In standby mode the current at VS (VCC) is less than 6 µA
(5 µA) for CSN = high (DO in tristate).
3.3
Charge pump
In standby mode the chargepump is turned off. After enabling the device by SPI command
(bit0=1 Control Register 0) the oscillator starts and the voltage begins to increase. The
output drivers are enabled after at least 256 µs after CSN went to high.
3.4
Diagnostic functions
All diagnostic functions (over/under-current, power supply over-/undervoltage, temperature
warning and thermal shutdown) are internally filtered. The condition has to be valid for at
least 32 µs (open load: 1ms) before the corresponding status bit in the status registers is
set.
The filters are used to improve the noise immunity of the device. The under-current and
temperature warning functions are intended for information purpose and will not change the
state of the output drivers. On contrary, the over-current condition disables the
corresponding driver and thermal shutdown disables all drivers. Without setting the over-
current recovery bits in the input data register, the microcontroller has to clear the over-
current status bits to reactivate the corresponding drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com