Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 16Page - STMicroelectronics L99DZ70XP Datasheet HTML 17Page - STMicroelectronics L99DZ70XP Datasheet HTML 18Page - STMicroelectronics L99DZ70XP Datasheet HTML 19Page - STMicroelectronics L99DZ70XP Datasheet HTML 20Page - STMicroelectronics L99DZ70XP Datasheet HTML 21Page - STMicroelectronics L99DZ70XP Datasheet HTML 22Page - STMicroelectronics L99DZ70XP Datasheet HTML 23Page - STMicroelectronics L99DZ70XP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Electrical specifications
L99DZ70XP
20/47
Doc ID 15162 Rev 3
16.8
tr in
Rise time of input signal DI,
CLK, CSN
VCC = 5V
100
ns
16.9
tf in
Fall time of input signal DI,
CLK, CSN
VCC = 5V
100
ns
1.
DI timing parameters tested in production by a passed / failed test:
Tj= -40°C / +25°C:
SPI communication @ 2MHz.
Tj= +125°C
SPI communication @ 1.25 MHz.
Table 17.
DO
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
17.1
VDOL
Output low level
IDO = -5 mA
0.2VCC
V
17.2
VDOH
Output high level
IDO = 5 mA
0.8 VCC
V
17.3
IDOLK
Tristate leakage
current
VCSN = VCC,
0V < VDO < VCC
-10
10
µA
17.4
CDO
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Tristate input
capacitance
VCSN = VCC,
0V < VCC < 5.3V
10
pF
Table 18.
DO timing
Item
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
18.1
tr DO
DO rise time
CDO = 100 pF
80
140
ns
18.2
tf DO
DO fall time
CDO = 100 pF
50
100
ns
18.3
ten DO tri L
DO enable time
from tristate to low
level
CDO = 100 pF, Iload = 1mA
pull-up load to VCC
100
250
ns
18.4
tdis DO L tri
DO disable time
from low level to
tristate
CDO = 100 pF, Iload = 4 mA
pull-up load to VCC
380
450
ns
18.5
ten DO tri H
DO enable time
from tristate to high
level
CDO =100 pF, Iload = -1mA
pull-down load to GND
100
250
ns
18.6
tdis DO H tri
DO disable time
from high level to
tristate
CDO = 100 pF, Iload = -4mA
pull-down load to GND
380
450
ns
18.7
td DO
DO delay time
VDO < 0.3 VCC,
VDO > 0.7 VCC,
CDO = 100 pF
50
250
ns
Table 16.
SDI timing (continued)(1)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com