Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 28Page - STMicroelectronics L99DZ70XP Datasheet HTML 29Page - STMicroelectronics L99DZ70XP Datasheet HTML 30Page - STMicroelectronics L99DZ70XP Datasheet HTML 31Page - STMicroelectronics L99DZ70XP Datasheet HTML 32Page - STMicroelectronics L99DZ70XP Datasheet HTML 33Page - STMicroelectronics L99DZ70XP Datasheet HTML 34Page - STMicroelectronics L99DZ70XP Datasheet HTML 35Page - STMicroelectronics L99DZ70XP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Functional description of the SPI
L99DZ70XP
32/47
Doc ID 15162 Rev 3
4.3
Global status byte
Description:
●
GL_ER : Global Error Flag. Failures of Bits 0-6 are always linked to the Global Error
Flag. This flag is generated by an OR combination of all failure events of the device. It
is reflected via the DO pin while CSN is held low and no clock signal is available. The
flag will remain as long as CSN is low. This operation does not cause the
Communication Error bit in the <Global Status> to be set. The signal TW bit3 and OL
bit1can be masked.
●
CO_ER : Communication Error. If the number of clock pulses within the previous frame
is not 24 the frame is ignored and this bit is set.
●
C_RESET : Chip RESET. If a stuck at ‘1’ on input DI during any SPI frame occurs, or if
a Power On Reset (VCC monitor) occurs. C_RESET will be reset (‘1’) with any SPI
command. When STK_RESET_Q is active (‘0’), the Gate drivers are switched off
(resistive path to source).
After a startup of the circuit the STK_RESET_Q is active because of the POR pulse
and the Gate drivers are switched off. The Gate drivers can only be activated after the
STK_RESET_Q has been reset with a SPI command.
●
TSD : Thermal shutdown due to an internal sensor. All the gate drivers and the charge
pump must be switched off (resistive path to source). The TSD bit has to be cleared
through a software reset to reactivate the gate drivers and the charge pump.
●
TW : Thermal Warning. This bit is maskable by configuration register.
●
UOV_OC : Logical OR among the filtered under-/over-voltage signals and over-current
signals.
●
OL : Open Load. Logical OR among the filtered under-current signals. This bit is
maskable by configuration register.
●
NR : Not Ready. After switching the device from standby mode to active mode an
internal timer is started to allow chargepump to settle before the outputs can be
activated. This bit is cleared automatically after start up time has finished.
Table 22.
Global status byte
Bit
7
6
5
4
3
2
1
0
Name
GL_ER
CO_ER
C_RESET
TSD
TW
UOV_OC
OL
NR
Reset
0
0
1
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com