Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 11Page - STMicroelectronics L99DZ70XP Datasheet HTML 12Page - STMicroelectronics L99DZ70XP Datasheet HTML 13Page - STMicroelectronics L99DZ70XP Datasheet HTML 14Page - STMicroelectronics L99DZ70XP Datasheet HTML 15Page - STMicroelectronics L99DZ70XP Datasheet HTML 16Page - STMicroelectronics L99DZ70XP Datasheet HTML 17Page - STMicroelectronics L99DZ70XP Datasheet HTML 18Page - STMicroelectronics L99DZ70XP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
L99DZ70XP
Electrical specifications
Doc ID 15162 Rev 3
15/47
11.19
IQLH7,8
Switched-off output
current highside
drivers of OUT7-8
VOUT= 0V,
standby mode
-5
-2
µA
11.20
VOUT= 0V,
active mode
-15
-10
µA
11.21
IQLL
Switched-off output
current lowside
drivers of OUT1-6
VOUT= VS,
standby mode
80
120
µA
11.22
VOUT= 0V,
active mode
-10
-7
µA
11.23
Switched-off output
current lowside
drivers of ECV
VOUT= VS,
standby mode
-15
15
µA
11.24
VOUT= VS,
active mode
-10
10
µA
11.25
td ON H
Output delay time,
highside driver on
(OUTX except
OUT7,8)
VS = 13.5 V,
VCC =5V
(1)(2)(3)
20
40
80
µs
11.26
Output delay time,
highside driver on
(OUT7,8 in high
RDSon mode)
15
35
60
µs
11.27
Output delay time,
highside driver on
(OUT7,8 in low
RDSon mode)
10
35
80
µs
11.28
td OFF H
Output delay time,
highside driver off
(OUT1, 4, 5, 6, 11)
VS = 13.5 V,
VCC =5V
(1)(2)(3)
60
150
200
µs
11.29
Output delay time,
highside driver off
(OUT2,3,7, high/low
RDSon , 8 high/low
RDSon , 9, 10)
40
70
100
µs
11.30
td ON L
Output delay time,
lowside driver On
VS = 13.5 V,
VCC =5V,
corresponding
highside driver is not
active(1)(2)(3)
15
30
70
µs
11.31
td OFF L 1-6
Output delay time,
lowside driver OUT
1-6 off
VS=13.5V,
VCC=5V
(1)(2)(3)
40
150
300
µs
11.32
td OFF L ECV
Output delay time,
lowside driver ECV
off
15
45
80
µs
Table 11.
On-resistance and switching times (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com