Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 22Page - STMicroelectronics L99DZ70XP Datasheet HTML 23Page - STMicroelectronics L99DZ70XP Datasheet HTML 24Page - STMicroelectronics L99DZ70XP Datasheet HTML 25Page - STMicroelectronics L99DZ70XP Datasheet HTML 26Page - STMicroelectronics L99DZ70XP Datasheet HTML 27Page - STMicroelectronics L99DZ70XP Datasheet HTML 28Page - STMicroelectronics L99DZ70XP Datasheet HTML 29Page - STMicroelectronics L99DZ70XP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Application information
L99DZ70XP
26/47
Doc ID 15162 Rev 3
3.9
Open load detection
The open load detection monitors the load current in each activated output stage. If the load
current is below the open load detection threshold for at least 1 ms (tdOL) the corresponding
open load bit is set in the status register. Due to mechanical/electrical inertia of typical loads
a short activation of the outputs (e.g. 3 ms) can be used to test the open load status without
changing the mechanical/electrical state of the loads.
3.10
Over-load detection
In case of an over-current condition a flag is set in the status register in the same way as
during open load detection. If the over-current signal is valid for at least tISC(typ) = 55 µs, the
over-current flag is set and the corresponding driver is switched off to reduce the power
dissipation and to protect the integrated circuit. If the over-current recovery bit of the output
is zero, the microcontroller has to clear the status bits to reactivate the corresponding driver.
3.11
Current monitor
The current monitor output sources a current image at the current monitor output which has
two fixed ratios of the instantaneous current of the selected highside driver. Outputs with a
resistance of 500 m
Ω and higher have a ratio of 1/2000 and those with a lower resistance of
1/10000. The signal at output CM is blanked after switching on the driver until correct
settlement of the circuitry (at least for 64 µs). The bits 0 to 3 of the control register 3 define
which of the outputs are multiplexed to the current monitor output CM/PWM2. The current
monitor output allows a more precise analysis of the actual state of the load rather than the
detection of an open- or overload condition. For example it can be used to detect the motor
state (starting, free-running, stalled). Moreover, it is possible to control the power of the
defroster more precisely by measuring the load current. The current monitor output is
bidirectional (PWM inputs).
3.12
PWM inputs
Each driver has a corresponding PWM enable bit, which can be programmed by the SPI
interface. If the PWM enable bit is set in control registers 2 or 3, the output is controlled by
the logically AND-combination of the PWM signal and the output control bit in Control
Registers 0 and 1. The outputs OUT1-4, 6, 7, 9, OUT11 are controlled by the PWM1 input
and the outputs OUT5, 8 and OUT10 are controlled by the bidirectional input CM/PMW2.
For example, the two PWM inputs can be used to dim two lamps independently by external
PWM signals. In case of switching off a high/low side switch in PWM mode a minimum off
time of appr. (256 µs – tdon+ tdoff) is predefined by the state machine, to avoid switching on
the high/low side again during the negative slope. For a PWM frequency of 100Hz this
means the maximum duty cycle is about 98%. Larger duty cycles can be realized by
applying pulse skipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com