Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 7Page - STMicroelectronics LED5000 Datasheet HTML 8Page - STMicroelectronics LED5000 Datasheet HTML 9Page - STMicroelectronics LED5000 Datasheet HTML 10Page - STMicroelectronics LED5000 Datasheet HTML 11Page - STMicroelectronics LED5000 Datasheet HTML 12Page - STMicroelectronics LED5000 Datasheet HTML 13Page - STMicroelectronics LED5000 Datasheet HTML 14Page - STMicroelectronics LED5000 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
LED5000
Functional description
Doc ID 023951 Rev 1
11/51
4.1
Power supply and voltage reference
The internal regulator circuit consists of a startup circuit, an internal voltage pre-regulator,
the bandgap voltage reference and the bias block that provides current to all the blocks. The
starter supplies the startup current to the entire device when the input voltage goes high and
the device is enabled (inhibit pin connected to ground). The pre-regulator block supplies the
bandgap cell with a pre-regulated voltage that has a very low supply voltage noise
sensitivity.
4.2
Voltage monitor
An internal block continuously senses the Vcc, Vref and Vbg. If the monitored voltages are
good, the regulator begins operating. There is also a hysteresis on the Vcc(UVLO).
Figure 4.
Internal circuit
4.3
Soft-start
The startup phase is implemented ramping the reference of the embedded error amplifier in
1 msec typ. time. It minimizes the inrush current and decreases the stress of the power
components at power up.
Figure 5.
Soft-start open
AM13488v1
AM13489v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com