Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 44 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 40Page - STMicroelectronics LED5000 Datasheet HTML 41Page - STMicroelectronics LED5000 Datasheet HTML 42Page - STMicroelectronics LED5000 Datasheet HTML 43Page - STMicroelectronics LED5000 Datasheet HTML 44Page - STMicroelectronics LED5000 Datasheet HTML 45Page - STMicroelectronics LED5000 Datasheet HTML 46Page - STMicroelectronics LED5000 Datasheet HTML 47Page - STMicroelectronics LED5000 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Application notes - alternative topologies
LED5000
44/51
Doc ID 023951 Rev 1
6.4
Compensation network design for alternative topologies
The small signal analysis for the alternative topologies can be written as:
Equation 74
that shares similar terms with
Equation 1 which is valid for the buck (see Equation 1). In
addition KDX depends on the topology (different for boost and buck-boost) and ωZ_RHP
(
Equation 75) is a zero in the right half plane:
Equation 75
The RHP (right half plane) zero has the same 20 dB/dec rising gain magnitude as a
conventional zero, but with 90 degree phase drop instead of lead. This characteristic cannot
be compensated with the error amplifier network so the loop gain is designed to roll off at
lower frequency in order to keep its contribution outside the small signal analysis.
ω
Z_RHP (see Equation 75) depends on the equivalent output resistance, inductor value and
the duty cycle. As a consequence the minimum
ω
Z_RHP over the input voltage range
determines the maximum system bandwidth:
Equation 76
the system phase margin depends on K.
This paragraph provides the equations to calculate the components of the compensation
network once selected the power components and given the BW specification.
Table 10: BB and boost parameters summarizes the KD, Km, K parameters useful for the
next calculations of the compensation network.
The DC gain of the total small loop is:
Equation 77
where Gm is the error amplifier transconductance, REA the equivalent output resistance of
the error amplifier, RCS the internal current sense gain (for these parameters refer to
Table 5: Electrical characteristics), RS the sensing resistor value, and KD can be calculated
from
Table 10
The calculation of the components composing the compensation network depends on the
relative position of the pole fp (see Equation 3) and the designed bandwidth BW.
G
CO s
()
R
LOAD
R
CS
------------------
1D
–
()
K
Dx
------------------
1
s
ω
Z_RHP
------------------
–
⎝⎠
⎛⎞
1
s
ω
z
-----
+
⎝⎠
⎛⎞
⋅
1
s
ω
p
-----
+
⎝⎠
⎛⎞
-------------------------------------------------------------
F
H s
()
⋅⋅
⋅
=
ω
Z_RHP
R
OUT
1D
–
()
2
⋅
L
-------------------------------------------
=
BW BW
MAX
≤
1
K
----
ω
Z_RHP_MIN
2
π
⋅
-----------------------------
⋅
f
SW
6
---------
«
=
A
0
G
m
R
EA
1D
–
()
R
S
R
CS
-----------
1
K
D
-------
⋅⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com