Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 36 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 32Page - STMicroelectronics LED5000 Datasheet HTML 33Page - STMicroelectronics LED5000 Datasheet HTML 34Page - STMicroelectronics LED5000 Datasheet HTML 35Page - STMicroelectronics LED5000 Datasheet HTML 36Page - STMicroelectronics LED5000 Datasheet HTML 37Page - STMicroelectronics LED5000 Datasheet HTML 38Page - STMicroelectronics LED5000 Datasheet HTML 39Page - STMicroelectronics LED5000 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Application notes - alternative topologies
LED5000
36/51
Doc ID 023951 Rev 1
Figure 24.
LED current source based on inverting BB topology
The circuitry Q1, R2, R3, R4 implements a level shifter to convert the dimming signal
voltage levels (referred to GND) to the device rails, since the LED5000 local ground is
referred to the negative output voltage (given by the voltage drop across the LEDs and the
sensing resistor).
Figure 25 shows the dimming operation: the light blue trace represents the
DIM pin, the yellow the SW (high level is VIN, low level is -VOUT), the green trace the inductor
current (see
Figure 54) and the purple is the output voltage.
Figure 25.
Inverting BB dimming operation
The network D1, R1, RS implements an inexpensive overvoltage protection. R1 effect can
be neglected during normal operation since the FB biasing current is negligible (tens of nA,
see
Table 5: Electrical characteristics) but it limits the current flowing in the Zener diode D1.
In case the load is disconnected or in case of open LED:
small signal
JUMPER
-Vout
C5
1uF
50V
C7
15pF
TP3
DIM
TP5
VLED+
R1
100K
D2
C9
NM
C4
100nF
50V
RS1
0.2
C8
4.7uF
C3
10uF
50V
R3
10K
R2
100K
TP4
GND
T1
2
D1
R5
10K
Q1
BC807-16
U1
LED5000
SW
8
VIN
7
BOOT
1
EP
EP
DIM
2
INH
3
GND
6
COMP
4
FB
5
TP1
VIN
C2
10uF
50V
TP2
VLED-
C6
1.5nF
R4
47K
C1
100nF
AM13508v1
AM13509v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com